Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104092-2000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 104092-2000
Description  IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Right-Angle Single Row, 20
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

104092-2000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  104092-2000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
104092-2000
Status:
Active
Description:
IllumiMate™ 1.25mm Pitch Wire-to-Board Crimp Housing, Right-Angle Single Row, 20
Circuits
Documents:
3D Model
Packaging Specification PK-104092-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104091-001 (PDF)
General
Product Family
Crimp Housings
Series
104092
Application
Signal, Wire-to-Board
Product Name
IllumiMate™
UPC
884982407121
Physical
Circuits (maximum)
20
Color - Resin
Natural
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
High Temperature Thermoplastic
Net Weight
0.470/g
Number of Rows
1
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface
1.25mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-25°C to +130°C
Electrical
Current - Maximum per Contact
1.5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-104092-001
Product Specification
PS-104091-001
Sales Drawing
SD-104092-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
104092Series
Mates With
104091-2020
Use With
104521-6001
This document was generated on 04/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 104092-2000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
104092-2010 MOLEX11-104092-2010 Datasheet
40Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 20 Circuits
More results

Similar Description - 104092-2000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1040922000 MOLEX1-1040922000 Datasheet
33Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Right-Angle Single Row, 20
104092-2010 MOLEX11-104092-2010 Datasheet
40Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 20 Circuits
1040770600 MOLEX1-1040770600 Datasheet
35Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 6 Circuits
1041310500 MOLEX1-1041310500 Datasheet
35Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 5 Circuits
104092-1000 MOLEX11-104092-1000 Datasheet
38Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 10 Circuits
104092-1500 MOLEX11-104092-1500 Datasheet
40Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 15 Circuits
1041310300 MOLEX1-1041310300 Datasheet
34Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 3 Circuits
1040922500 MOLEX1-1040922500 Datasheet
31Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 25 Circuits
104092-0500 MOLEX11-104092-0500 Datasheet
40Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 5 Circuits
104121-0600 MOLEX11-104121-0600 Datasheet
42Kb / 1P
   IllumiMate??1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 6 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com