Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94HFC08WRT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 94HFC08WRT
Description  Rotary DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

94HFC08WRT Datasheet(HTML) 2 Page - Grayhill, Inc

  94HFC08WRT Datasheet HTML 1Page - Grayhill, Inc 94HFC08WRT Datasheet HTML 2Page - Grayhill, Inc 94HFC08WRT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Rotary DIP Switches
Tape and Reel packaging:
Series 94H
available from your local grayhill distributor.
For prices and discounts, contact a local Sales
Office, an authorized Distributor or Grayhill.
4 5
4 5
4 5
0
0
0
0
13 INCH
DIAMETER REEL
DIRECTION
OF FEED
16mm
24mm
CONDUCTIVE
PLASTIC EMBOSSED
TAPE
PIN #1
CHAMFER
Meets requirements of EIA 481-2.
Each reel contains the following number
of switches with a 15.35 inch (390 mm)
minimum leader and a 6.30 inch (160 mm)
minimum trailer.
94HA style
750 sw/reel
94HB style
150 sw/reel
94HC style
200 sw/reel
94HE style
300 sw/reel
94HF style
750 sw/reel
knob Style and Height
knob color
arrow color
part number
1A
Gray
N/A
947706-001
5A
Gray
Black
947706-005
1B
Black
N/A
947705-001
1B
Gray
N/A
947705-012
2B
Gray
White
947705-004
3B
Gray
Black
947705-017
4B
Gray
Black
947705-018
1B
Natural
N/A
947705-009
4B
Black
White
947705-010
5B
Gray
Black
947705-019
ORdeRing infORmaTiOn: Series 94 High Temperature knobs*
*Ordered as a separate item. B = Standard (Natural), C = Complementary (Contrasting Color).
ORdeRing infORmaTiOn: Series 94H
Series
actuator Style: A = Flush, Figure 1
B = .270, Figure 3 (see page B-21)
C = .170, Figure 3 (see page B-21)
E = .090, Figure 3 (see page B-21)
F = Flush, Figure 2
code: B = Standard (Natural),
94HaB10WRT
C = Complementary (Contrasting Color)
RoHS compliant
packaging: R = Tape and Reel, (Surface Mount Only)
Blank = Tube*
Terminal Style: RA = Right Angle, Thru-Hole
J = J-Lead
W = Surface Mount
Blank = Thru-Hole
number of positions: 08 = Octal, 8 Position
10 = BCD, 10 Position
16 = Hex, 16 Position
* 27 Pieces per tube for surface mount and thru-hole, 24 pieces per tube for right angle switches.
SeRieS 94 High Temperature knobs: for Shaft extensions
.370
(9,40)
.190
(4,83)
.395
(10,0)
.040
(1,02)
.210
(5,33)
.040
(1,02)
1
2
3
4
5
A
B
Slotted knobs show switch
markings. Contact Grayhill
for other knob material/
marking color combinations
and geometrics.
* Use only with Actuator Type B or C
Right angle Thru-Hole
dimenSiOnS in inches (and millimeters)
4
C
1
2
C
8
1
2
.430 (10,92)
.210 (5,33)
.190
(4,83)
.400
(10,16)
PIN #1
.100 ± .005 TYP.
(2,54 ± 0,13)
.145
(3,68)
.282 (7,16)
.156
(3,96)
4
C
1
2
C
8
8
C
2
1
C
4
3 4
.190 (4,83)
2 PLACES
PIN #1
.390
(9,91)
.380 (9,65)
.500
(12,7)
.025 (0,64)
.060
(1,52)
TYP.
.100 ± .005
(2,54 ± 0,13)
TYP.
.020 +.004/-.002
(0,51 + 0,10/0,05)
TERMINALS ARE
.020 +.004/-.002
(0,51 +0,10/0,05)
WIDE BY .012 ±.002
(0,31 ±0,05) THICK
.038 DIA. HOLE SIZE
RECOMMENDED
PC board layout
as viewed from the
top of the switch
PC board layout
as viewed from the
top of the switch
Solder pad layout
as viewed from the
top of the switch
3 4
.390
(9,91)
.040 ± .005
(1,02 ± 0,13)
.100 ± .005 TYP.
(2,54 ± 0,13)
.190 (4,83)
2 PLACES
CORNER
CLOSEST
TO PIN #1
.380 (9,65)
.146 (3,71)
.300 (7,62) TYP.
TERMINALS ARE
.020 ± .002
(0,51 ± 0,05)
WIDE BY
.012 ±.002
(0,31 ± 0,05)
THICK
.225 (5,72)
.225 (5,72)


Similar Part No. - 94HFC08WRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
94HFC08WRT GRAYHILL-94HFC08WRT Datasheet
1Mb / 2P
   Thru-Hole DIP Switches
More results

Similar Description - 94HFC08WRT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
logo
Copal Electronics
SMR COPAL-SMR Datasheet
1Mb / 4P
   Hyper-Miniature Dip Rotary Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com