Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

788088-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 788088-2
Description  Signal Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

788088-2 Datasheet(HTML) 1 Page - Tyco Electronics

  788088-2 Datasheet HTML 1Page - Tyco Electronics 788088-2 Datasheet HTML 2Page - Tyco Electronics 788088-2 Datasheet HTML 3Page - Tyco Electronics 788088-2 Datasheet HTML 4Page - Tyco Electronics 788088-2 Datasheet HTML 5Page - Tyco Electronics 788088-2 Datasheet HTML 6Page - Tyco Electronics 788088-2 Datasheet HTML 7Page - Tyco Electronics 788088-2 Datasheet HTML 8Page - Tyco Electronics 788088-2 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Note: All part numbers are RoHS compliant.
Signal Contacts
Material and Finish — See chart.
Contact Body—Brass or phosphor bronze
Retention Spring—Stainless steel
Application Tooling—Page 29
Technical Documents
114-10004 Application Specification
108-10042 Product Specification
Type III+, Crimp, Snap-In
Pin
Socket
[.0625
+.0010
–.0020
[1.588
+0.025]
–0.051
Dia.
Max.
Dia.
Pin Body
Spring, Stainless Steel
Spring,
Stainless Steel
Ferrule, Brass,
Nickel Flash
.530±.010
[13.46±0.25]
.113
[2.87]
.390
[9.91]
Min.
Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡
Wire Size
Ins.
Contact
Strip Form
Loose Piece
Tooling Part No.**
Range
Dia.
Finish
Contact No.
Contact No.
Loose Piece
Strip Form
AWG
mm2
Range
Pin
Socket
Pin
Socket
Hand Tool
Applicators
.015-.030
Gold/Nickel2
788085-3
788088-2
567867-1***
30-28
0.05-0.09
0.38-0.76
Sel. Gold/Nickel3
788085-1
788088-1
788085-4
788088-3
90716-1
or 567947-1***
or 680602-***
Bright Tin
1-66425-2
1-66424-1
.040-.0601
Gold/Nickel2
66425-7
66424-7
66429-3
66428-3
91515-16
466598-***
30-26
0.05-0.15
1.02-1.52
Sel. Gold/Nickel3
66425-8
66424-8
66429-4
66428-4
.014-.0301
Gold/Nickel2
66393-7
66394-7
0.36-0.76
Sel. Gold/Nickel3
66393-8
66394-8
66406-4
66405-4
90225-2 6
466585-3***
Bright Tin
1-66106-5
1-66108-5
1-66107-1
1-66109-7
91515-16
466321-***
26-24
0.12-0.2
.035-.0551
Gold/Nickel2
66106-7
66108-7
66107-3
66109-3
or
or
0.89-1.40
Sel. Gold/Nickel3
66106-8
66108-8
66107-4
66109-4
58495-1*
466908-2***
Sel. Gold/Nickel4
66108-1
66109-1
Bright Tin
2-66102-5
3-66104-0
1-66103-8
1-66105-9
.040-.0801
Gold/Nickel2
66102-8
66104-8
66103-3
66105-3
91515-16
466323-***
1.02-2.03
Sel. Gold/Nickel3
66102-9
66104-9
66103-4
66105-4
or
or
2-66102-27
2-66104-37
58495-1*
466907-2***
Sel. Gold/Nickel4
66104-1
66105-1
24-20
0.2-0.6
.060-.120 5
Bright Tin
1-66564-2
1-66563-1
66566-7
66565-7
466383-4***
1.52-3.05
Sel. Gold/Nickel3
66564-8
66563-8
66566-4
66565-4
91542-16
or 466979-1***
or 567363-***
Bright Tin
1-66332-4
1-66331-4
1-66400-0
1-66399-0
91523-16
466324-***
.080-.1001
Gold/Nickel2
66332-7
66331-7
66400-3
66399-3
or
or
2.03-2.54
Sel. Gold/Nickel3
66332-8
66331-8
66400-4
66399-4
90225-2 6
466942-1***
Sel. Gold/Nickel4
66331-2
66399-2
1-66098-9S
Bright Tin
1-66098-8
1-66100-9
1-66099-5
1-66101-9
91505-16 or
466325-***
18-16
0.8-1.4
.080-.1001
Gold/Nickel2
66098-8
66100-8
66099-3
66101-3
91523-16 or
or
2.03-2.54
Sel. Gold/Nickel3
66098-9
66100-9
66099-4
66101-4
58495-1*
466906-1***
Sel. Gold/Nickel4
66098-6
66099-1
Bright Tin
1-66359-4
1-66358-6
1-66361-2
1-66360-2
.080-.1001
Phos Bronze
1-66359-5
1-66358-8
1-66359-5
1-66358-8
466326-***
Gold/Nickel2
66359-9
66358-9
66361-3
66360-3
91519-16
or
2.03-2.54
Sel. Gold/Nickel3
1-66359-0
1-66358-0
66361-4
66360-4
466923-2***
18-14
0.8-2.0
1-66359-2
1-66358-3
66361-8
66360-8
Sel. Gold/Nickel4
66358-1
66360-1
.110-.150 5
Bright Tin
66597-8
66598-9
66602-8
66601-9
466958-1***
1-66598-0
91521-16
or
2.79-3.81
Sel. Gold/Nickel3
66597-2
66598-2
66602-2
66601-2
567364-***
1
Overall insulation crimp diameter, including crimp barrel, must not
exceed .125 [3.18].
2
.000015 [0.00038] gold in the mating area over .000050 [0.00127]
min. nickel.
3
.000030 [0.00076] gold in the mating area, with gold flash on remain-
der, over .000050 [0.00127] min. nickel.
4
.000030 [0.00076] gold in the mating area, with gold gradient on
remainder, over .000050 [0.00127] min. nickel.
5
Contacts can ONLY be used in: Metrimate; CPC Series 1 (Arr. 23-
24), Series 4 (Arr. 23-13M, 23-16M, 23-22M), and VDE connectors.
6
To use with the 626 Pneumatic Tool: remove crimping head from Straight
Action Hand Tool (SAHT), order SAHT Adapter Part No. 217201-1,
Adapter Holder
Part No. 356304-1 (with ratchet) or 189928-1 (without),
and Power Unit Part No. 189721-1 (hand actuated) or 189722-1 (foot
actuated).
7
Phosphor Bronze
S
Standard reeling of strip form contacts.
*Commercial PRO-CRIMPER II hand tool for field repair only. Note:
Die Set can be adapted for use with 626 Pneumatic Tool System.
Insertion Tool Part No. 91002-1 (for insulation diameters .070 [1.78]
or less),
No. 200893-2 (for insulation diameters .090 [2.29] max.).
Extraction Tool Part No. 305183. (Instruction Sheet 408-1216)
**There are power options available for these tools/dies. See Battery
Powered Crimp tool Kit and SDE Electric Terminator on page 30.
***Call Technical Support for Machine Applicator Part Numbers.
Socket
Pin
‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing.
Refer to contact current carrying capability information on page 8.


Similar Part No. - 788088-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
7880-10A MOLEX1-7880-10A Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
7880-10B MOLEX1-7880-10B Datasheet
219Kb / 3P
   2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 10 Circuits
7880-10B MOLEX1-7880-10B Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
7880-10B-2 MOLEX1-7880-10B-2 Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
7880-10C MOLEX1-7880-10C Datasheet
219Kb / 3P
    2.54mm (.100") Pitch KK짰 Crimp Terminal Housing, High Pressure, 1 Circuits
More results

Similar Description - 788088-2

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
   G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
   27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
Picker Components
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
logo
PHOENIX CONTACT
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
   Silver-plated surface of the power and signal contacts
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
   Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com