Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS15104 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS15104
Description  151.1MHz SAW Filter 1.4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS15104 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS15104 Datasheet HTML 1Page - SIPAT Co,Ltd LBS15104 Datasheet HTML 2Page - SIPAT Co,Ltd LBS15104 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS15104
Rev. Date
2013-12-20
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
151.1MHz SAW Filter
1.4MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS15104
S15104
S15104
S15104
Typical Performance
Frequency Response
Passband Response
142
144
146
148
150
152
154
156
158
160
-114.0109
-104.0109
-94.0109
-84.0109
-74.0109
-64.0109
-54.0109
-44.0109
-34.0109
-24.0109
-14.0109
Type Performance
Frequency(MHz)
149
149.5
150
150.5
151
151.5
152
152.5
153
153.5
-26.5109
-26.0109
-25.5109
-25.0109
-24.5109
-24.0109
-23.5109
-23.0109
-22.5109
-22.0109
-21.5109
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
150
150.5
151
151.5
152
2500
3000
3500
4000
4500
X: 150.4
Y: 3060
Type Performance
Frequency(MHz)
X: 151.8
Y: 3111
150
150.5
151
151.5
152
-10
-5
0
5
10
X: 151.8
Y : 2.029
Type Performance
Frequency(MHz)
X: 150.4
Y : -1.019
Horizontal: 0.5MHz/Div
Vertical: 500ns/Div
Horizontal: 0.5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS15104

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS15102 SIPAT-LBS15102 Datasheet
140Kb / 3P
   151.31MHz SAW Filter 2.46MHz Bandwidth
LBS15102 SIPAT-LBS15102 Datasheet
146Kb / 3P
   151.31MHz SAW Filter 2.46MHz Bandwidth
LBS15103 SIPAT-LBS15103 Datasheet
253Kb / 3P
   151.2MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS15104

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07907 SIPAT-LBS07907 Datasheet
286Kb / 3P
   78.9MHz SAW Filter 1.4MHz Bandwidth
LBS20012 SIPAT-LBS20012 Datasheet
320Kb / 3P
   199.6MHz SAW Filter 1.4MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1001A TAI-SAW-TB1001A Datasheet
299Kb / 6P
   SAW Filter 70MHz 1.4MHz BW (SMD 19.0횞6.5 mm)
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14080 SIPAT-LBT14080 Datasheet
271Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
LBT16035 SIPAT-LBT16035 Datasheet
282Kb / 3P
   160MHz SAW Filter 14MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com