Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS15102 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS15102
Description  151.31MHz SAW Filter 2.46MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS15102 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS15102 Datasheet HTML 1Page - SIPAT Co,Ltd LBS15102 Datasheet HTML 2Page - SIPAT Co,Ltd LBS15102 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS15102
Rev. Date
2005-4-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
151.31MHz SAW Filter
2.46MHz Bandwidth
Part Number: LBS15102
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
151.23
151.31
151.39
Insertion Loss
dB
21.2
22.7
3 dB Bandwidth
MHz
2.46
2.53
30 dB Bandwidth
MHz
3.22
3.26
40 dB Bandwidth
MHz
3.32
3.56
Passband Variation
dB
0.7
1
Absolute Delay
usec
3.44
Phase Linearity(f0±984kHz)
deg
5
Group Delay Variation(f0±984kHz)
nsec
250
300
Ultimate Rejection(out of f0±3MHz)
dB
50
46
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=56nH
L2=56nH
C1=56pF
C2=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBS15102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS15102 SIPAT-LBS15102 Datasheet
140Kb / 3P
   151.31MHz SAW Filter 2.46MHz Bandwidth
More results

Similar Description - LBS15102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS15102 SIPAT-LBS15102 Datasheet
140Kb / 3P
   151.31MHz SAW Filter 2.46MHz Bandwidth
LBS12301 SIPAT-LBS12301 Datasheet
140Kb / 3P
   123.69MHz SAW Filter 2.46MHz Bandwidth
LBS16801 SIPAT-LBS16801 Datasheet
138Kb / 3P
   168.69MHz SAW Filter 2.46MHz Bandwidth
LBS10602 SIPAT-LBS10602 Datasheet
293Kb / 3P
   106.31MHz SAW Filter 2.46MHz Bandwidth
LBS16801 SIPAT-LBS16801 Datasheet
143Kb / 3P
   168.69MHz SAW Filter 2.46MHz Bandwidth
LBS12301 SIPAT-LBS12301 Datasheet
145Kb / 3P
   123.69MHz SAW Filter 2.46MHz Bandwidth
LBS10602 SIPAT-LBS10602 Datasheet
287Kb / 3P
   106.31MHz SAW Filter 2.46MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com