Electronic Components Datasheet Search |
|
V9MLA0402LN Datasheet(PDF) 5 Page - Littelfuse |
|
V9MLA0402LN Datasheet(HTML) 5 Page - Littelfuse |
5 / 8 page © 2013 Littelfuse, Inc. 43 Revised: December 16, 2013 Varistor Products MLA Varistor Series Surface Mount Multilayer Varistors (MLVs) > MLA Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information. Device Characteristics At low current levels, the V-I curve of the multilayer transient voltage suppressor approaches a linear (ohmic) relationship and shows a temperature dependent effect. At or below the maximum working voltage, the suppressor is in a high resistance modex (approaching 106Ω at its maximum rated working voltage). Leakage currents at maximum rated voltage are below 100µA, typically 25µA; for 0402 size below 20µA, typically 5µA. 100% 1E-9 1E-8 SUPPRESSOR CURRENT (ADC) 10% 1E-7 1E-6 1E-5 1E-4 1E-3 1E-2 25 50 75 100 125oC FIGURE 10. TYPICAL TEMPERATURE DEPENDANCE OF THE CHARACTERISTIC CURVE IN THE LEAKAGE REGION o o o o Clamping Voltage OverTemperature (V C at 10A) 100 10 20 V26MLA1206 40 60 80 100120 140 TEMPERATURE (oC) V5.5MLA1206 0 -20 -40 -60 FIGURE 12. CLAMPING VOLTAGE OVER TEMPERATURE (VC AT 10A) Typical Temperature Dependance of the Haracteristic Curve in the Leakage Region Speed of Response The Multilayer Suppressor is a leadless device. Its response time is not limited by the parasitic lead inductances found in other surface mount packages. The response time of the Z NOdielectricmaterialisless than 1ns and the MLA can clamp very fast dV/dT events such as ESD. Additionally, in "real world" applications, the associated circuit wiring is often the greatest factor effecting speed of response. Therefore, transient suppressor placement within a circuit can be considered important in certain instances. GRAINS DEPLETION FIRED CERAMIC DIELECTRIC REGION METAL ELECTRODES DEPLETION REGION METAL END TERMINATION FIGURE 11. MULTILAYER INTERNAL CONSTRUCTION Multilayer Internal Construction Energy Absorption/Peak Current Capability Energy dissipated within the MLA Series is calculated by multiplying the clamping voltage, transient current and transient duration. An important advantage of the multilayer is its interdigitated electrode construction within the mass of dielectric material. This results in excellent current distribution and the peak temperature per energy absorbed is very low. The matrix of semiconducting grains combine to absorb and distribute transient energy (heat) (see Speed of Response). This dramatically reduces peak temperature;thermalstressesandenhancesdevice reliability. As a measure of the device capability in energy and peak current handling, the V26MLA1206A part was tested with multiplepulsesatitspeakcurrentrating(3A,8/20µs). At the end of the test,10,000 pulses later, the device voltage characteristics are still well within specification. 100 10 0 V26MLA1206 2000 4000 6000 8000 10000 12000 NUMBER OF PULSES FIGURE 13. REPETITIVE PULSE CAPABILITY PEAK CURRENT = 3A 8/20 s DURATION, 30s BETWEEN PULSES RepetitivePulseCapability Figure 10 Figure 11 Figure 12 Figure 13 |
Similar Part No. - V9MLA0402LN |
|
Similar Description - V9MLA0402LN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |