Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48ASSP1S1M1RBT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 48ASSP1S1M1RBT
Description  Slide Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

48ASSP1S1M1RBT Datasheet(HTML) 3 Page - Grayhill, Inc

  48ASSP1S1M1RBT Datasheet HTML 1Page - Grayhill, Inc 48ASSP1S1M1RBT Datasheet HTML 2Page - Grayhill, Inc 48ASSP1S1M1RBT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
1
2
3
4
5
6
EPOXY
SEAL
.186
(4.72)
.152
(3.86)
.014
(0.36)
.500
(12.70)
.030
(0.76)
.150
(3.81)
.106
(2.69)
.500
(12.70)
.175
(4.45)
.046
(1.17)
.450
(6.60)
.175
(4.45)
.150
(3.81)
Ø.073
(Ø1.85)
.150
(4.83)
.106
(2.69)
.500
(12.70)
.190
(4.83)
12
3
45
6
.350
(8.90)
.181
(4.60)
.314
(8.00)
.152
(3.86)
.046
(1.17)
.125
(3.18)
.152
(3.86)
.620
(15.75)
.014
(0.36)
.185
(4.70)
.030
(0.76)
.186
(4.72)
.620
(15.75)
.185
(4.70)
.125
(3.18)
Ø.073
(Ø1.85)
.400
(10.16)
.314
(8.00)
.152
(3.86)
.046
(1.17)
.125
(3.18)
.152
(3.86)
.620
(15.75)
.014
(0.36)
.185
(4.70)
.030
(0.76)
.186
(4.72)
.620
(15.75)
.185
(4.70)
.125
(3.18)
Ø.073
(Ø1.85)
.184
(4.67)
.190
(4.83)
.492
(12.50)
TERMINATION OPTIONS In inches (and millimeters)
V2
Vertical Bracket P.C. Mount
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 5A with resistive
load @ 125 VAC or 28 VDC; 2A with resistive
load @ 250 VAC. R option - 0.4 VA max @ 20
Vmax (AC or DC)
Electrical Life: 30,000 cycles at full load
Contact Resistance: 10 milliohms max. initial
@ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,000 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case: Diallyl phthalate (DAP) (UL94V-0)
Housing: Stainless steel
Slide Handle: Nylon
Terminal/Contacts: Copper alloy with gold
over silver plate.
Terminal Seal: Epoxy
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 48A: Slide Switches
DPDT
SPDT
DPDT
48ASSP1S2M6RBT
RoHS Compliant
Mounting Options: A = Mounting Tabs, B= No Mounitng Tabs
Contacts: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy, silver plate
Termination Options: M1, M2, M3, M6, V2
(See Termination options.)
Actuator Options: S1, S2, S3, S4, S5, S6, S7, T1
(See Actuator options.)
Model: SPDT: SSP1, SSP2, SSP3
DPDT: SDP1, SDP3
Series 48A Slide Switches
Slide
6


Similar Part No. - 48ASSP1S1M1RBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48AN007 ETC2-48AN007 Datasheet
122Kb / 2P
   Nuts
48AN008 ETC2-48AN008 Datasheet
120Kb / 2P
   Nut
48AN009 ETC2-48AN009 Datasheet
121Kb / 2P
   Nut
logo
M-System Co.,Ltd.
48AV MSYSTEM-48AV Datasheet
157Kb / 5P
   Bargraph Indicators 48 Series
48AV-2CH0-K MSYSTEM-48AV-2CH0-K Datasheet
157Kb / 5P
   Bargraph Indicators 48 Series
More results

Similar Description - 48ASSP1S1M1RBT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com