Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF75.0M-A Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 820-IF75.0M-A
Description  75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF75.0M-A Datasheet(HTML) 3 Page - Oscilent Corporation

  820-IF75.0M-A_14 Datasheet HTML 1Page - Oscilent Corporation 820-IF75.0M-A_14 Datasheet HTML 2Page - Oscilent Corporation 820-IF75.0M-A_14 Datasheet HTML 3Page - Oscilent Corporation 820-IF75.0M-A_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Oscilent Part Number
820-IF75.0M-A
January 2011 Rev A
75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
74.94
75.00
75.06
Insertion Loss at Fo
dB
-
23.0
28.0
Group Delay Variation
nsec
-
100
150
Absolute Delay at Fo
usec
-
2.6
-
Passband Ripple Variation
dB
-
0.4
0.8
Bandwidth at -1dB
MHz
0.91
1.0
-
Bandwidth at -3dB
MHz
1.1
1.2
-
Bandwidth at -40dB
MHz
-
1.95
2.0
Ultimate Rejection
dB
40
50
-
Temperature Coefficient
ppm/°C
-
-0.03
-


Similar Part No. - 820-IF75.0M-A_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
More results

Similar Description - 820-IF75.0M-A_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF75.0M-11A OSCILENT-821-IF75.0M-11A Datasheet
186Kb / 6P
   75.0 MHz IF SAW Filter 11.65 MHz Bandwidth
821-IF75.0M-26B OSCILENT-821-IF75.0M-26B Datasheet
218Kb / 6P
   75.0 MHz IF SAW Filter 26.16 MHz Bandwidth
809-SL75.0M-15B OSCILENT-809-SL75.0M-15B Datasheet
124Kb / 4P
   75.0 MHz IF SAW Filter 16.2 MHz Bandwidth
logo
Transko Electronics, In...
TA07509CD1 TRANSKO-TA07509CD1 Datasheet
769Kb / 4P
   75.0 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 04 Apr. 2012
logo
Oscilent Corporation
809-SL75.0M-15C OSCILENT-809-SL75.0M-15C Datasheet
184Kb / 6P
   75.0 MHz IF SAW Filter 15.5 MHz Bandwidth
821-IF75.0M-09A OSCILENT-821-IF75.0M-09A Datasheet
322Kb / 6P
   75.0 MHz IF SAW Filter 9.82 MHz Bandwidth
813-SL75.0M-26B OSCILENT-813-SL75.0M-26B Datasheet
225Kb / 6P
   75.0 MHz IF SAW Filter 26.40 MHz Bandwidth
logo
Transko Electronics, In...
TA07526BD1 TRANSKO-TA07526BD1 Datasheet
533Kb / 4P
   75.0 MHz IF SAW Filter / 26.16 MHz Bandwidth
Revision 0: 11. Mar. 2009
TA07530BD1 TRANSKO-TA07530BD1 Datasheet
528Kb / 4P
   75.0 MHz IF SAW Filter / 30.10 MHz Bandwidth
Revision 0: 10. Mar. 2009
TL07510BV TRANSKO-TL07510BV Datasheet
530Kb / 4P
   75.0 MHz IF SAW Filter / 10.17 MHz Bandwidth
Revision 0: 26 Nov. 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com