Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

809-SL75.0M-05B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 809-SL75.0M-05B
Description  75.0MHz IF SAW Filter 5.59MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

809-SL75.0M-05B Datasheet(HTML) 1 Page - Oscilent Corporation

  809-SL75.0M-05B Datasheet HTML 1Page - Oscilent Corporation 809-SL75.0M-05B Datasheet HTML 2Page - Oscilent Corporation 809-SL75.0M-05B Datasheet HTML 3Page - Oscilent Corporation 809-SL75.0M-05B Datasheet HTML 4Page - Oscilent Corporation 809-SL75.0M-05B Datasheet HTML 5Page - Oscilent Corporation 809-SL75.0M-05B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
809-SL75.0M-05B
75.0MHz IF SAW Filter 5.59MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 809-SL75.0M-05B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.42MHz Bandwidth
More results

Similar Description - 809-SL75.0M-05B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF75.0M-11B OSCILENT-813-IF75.0M-11B Datasheet
217Kb / 6P
   75.0MHz IF SAW Filter 11.90MHz Bandwidth
813-SL75.0M-05A OSCILENT-813-SL75.0M-05A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.30MHz Bandwidth
813-SL75.0M-10A OSCILENT-813-SL75.0M-10A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 10.5MHz Bandwidth
813-SL75.0M-06A OSCILENT-813-SL75.0M-06A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 6.31MHz Bandwidth
809-SL75.0M-05C OSCILENT-809-SL75.0M-05C Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 5.42MHz Bandwidth
813-SL75.0M-28A OSCILENT-813-SL75.0M-28A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 28.17MHz Bandwidth
813-SL75.0M-04A OSCILENT-813-SL75.0M-04A Datasheet
213Kb / 6P
   75.0MHz IF SAW Filter 4.73MHz Bandwidth
809-SL75.0M-07A OSCILENT-809-SL75.0M-07A Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 7.67MHz Bandwidth
821-IF75.0M-27A OSCILENT-821-IF75.0M-27A Datasheet
181Kb / 6P
   75.0MHz IF SAW Filter 27.12MHz Bandwidth
813-SL75.0M-24A OSCILENT-813-SL75.0M-24A Datasheet
212Kb / 6P
   75.0MHz IF SAW Filter 24.35MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com