Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

807-SL138.24M-20B Datasheet(PDF) 6 Page - Oscilent Corporation

Part # 807-SL138.24M-20B
Description  138.24MHz IF SAW Filter 22.46MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

807-SL138.24M-20B Datasheet(HTML) 6 Page - Oscilent Corporation

  807-SL138.24M-20B Datasheet HTML 1Page - Oscilent Corporation 807-SL138.24M-20B Datasheet HTML 2Page - Oscilent Corporation 807-SL138.24M-20B Datasheet HTML 3Page - Oscilent Corporation 807-SL138.24M-20B Datasheet HTML 4Page - Oscilent Corporation 807-SL138.24M-20B Datasheet HTML 5Page - Oscilent Corporation 807-SL138.24M-20B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oscilent Part Number
807-SL138.24M-20B
January 2011 Rev A
138.24MHz IF SAW Filter 22.46MHz Bandwidth
Product Specification
P. 5
www.oscilent.com
VSWR


Similar Part No. - 807-SL138.24M-20B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
807-SL133.2M-02A OSCILENT-807-SL133.2M-02A Datasheet
181Kb / 5P
   133.2 MHz IF SAW Filter 430 KHz Bandwidth
More results

Similar Description - 807-SL138.24M-20B

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN13818 SIPAT-LBN13818 Datasheet
308Kb / 3P
   138.24MHz IF SAW Filter 76MHz Bandwidth
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
145Kb / 3P
   138.24MHz SAW Filter 24MHz Bandwidth
LBS13808 SIPAT-LBS13808 Datasheet
144Kb / 3P
   138.24MHz SAW Filter 4MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
150Kb / 3P
   138.24MHz SAW Filter 24MHz Bandwidth
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBS13808 SIPAT-LBS13808 Datasheet
138Kb / 3P
   138.24MHz SAW Filter 4MHz Bandwidth
LBN13817 SIPAT-LBN13817 Datasheet
320Kb / 3P
   138.24MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0820A TAI-SAW-TB0820A Datasheet
304Kb / 7P
   IF SAW Filter 138.24MHz(BW=77MHz) SMD 7.0X5.0mm
logo
SIPAT Co,Ltd
LBN12903 SIPAT-LBN12903 Datasheet
142Kb / 4P
   129.1MHz IF SAW Filter 18MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com