Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34BWSP51B1M7RT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 34BWSP51B1M7RT
Description  Sealed Miniature Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34BWSP51B1M7RT Datasheet(HTML) 2 Page - Grayhill, Inc

  34BWSP51B1M7RT Datasheet HTML 1Page - Grayhill, Inc 34BWSP51B1M7RT Datasheet HTML 2Page - Grayhill, Inc 34BWSP51B1M7RT Datasheet HTML 3Page - Grayhill, Inc 34BWSP51B1M7RT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
THK. .030 (0.76)
THK. .030 (0.76)
SUBTRACT .079 (2.00) FOR
BUSHING OPTION B1
SUBTRACT .083 (2.10) FOR
BUSHING OPTION B1
.496
(12.60)
.299
(7.60)
Ø.115
(Ø2.92)
Ø.107
(Ø2.72)
.350
(8.90)
1/4-40 UNS
.250
(6.35)
.189
(4.80)
.080
(2.03)
.047
(1.19)
.078
(1.98)
.156
(3.96)
EPOXY SEAL
.050
(1.27)
.220
(5.60)
EPOXY SEAL
123
P.C. MOUNTING
.050
(1.26)
.504
(12.8)
.200
(5.08)
.106
(2.70)
Ø.220
(Ø5.60)
.500
(12.7)
.050
(1.26)
.663
(16.85)
.297
(7.54)
Ø.107
(Ø2.72)
.125
(3.18)
.030
(0.76)
.050
(1.27)
.185
(4.70)
.200
(5.08)
.185
(4.70)
.500
(12.7)
Ø.073
(Ø1.85)
P.C. MOUNTING
123
456
.500
(12.7)
.150
(3.81)
.200
(5.08)
.185
(4.70)
Ø.073
(Ø1.85)
Ø.220
(Ø5.60)
.200
(5.08)
.050
(1.26)
.106
(2.70)
.504
(12.8)
.500
(12.7)
.297
(7.54)
Ø.107
(Ø2.72)
.663
(16.85)
.050
(1.26)
.125
(3.18)
.030
(0.76)
.185
(4.70)
.050
(1.26)
EPOXY SEAL
EPOXY SEAL
M1
M2
M6
Right Angle P.C. Mount, Horizontal Actuation
ACTUATOR OPTIONS In inches (and millimeters)
BUSHING OPTIONS In inches (and millimeters)
TERMINATION OPTIONS In inches (and millimeters)
1
2
Std
B1
B4
Std
Series 34B: Sealed Miniature Toggle Switches
SPDT
DPDT
P.C. Mount
(Std)
Solder Lug
Toggle
11


Similar Part No. - 34BWSP51B1M7RT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
34BMSP11B1M1RT GRAYHILL-34BMSP11B1M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP11B2M1RT GRAYHILL-34BMSP11B2M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP11B3M1RT GRAYHILL-34BMSP11B3M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP12B1M1RT GRAYHILL-34BMSP12B1M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
34BMSP12B2M1RT GRAYHILL-34BMSP12B2M1RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
More results

Similar Description - 34BWSP51B1M7RT

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com