Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34BMSP31B3M1RT Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 34BMSP31B3M1RT
Description  Sub-Miniature Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34BMSP31B3M1RT Datasheet(HTML) 4 Page - Grayhill, Inc

  34BMSP31B3M1RT Datasheet HTML 1Page - Grayhill, Inc 34BMSP31B3M1RT Datasheet HTML 2Page - Grayhill, Inc 34BMSP31B3M1RT Datasheet HTML 3Page - Grayhill, Inc 34BMSP31B3M1RT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
(
)
(
)
(
)
10-48 UNS-2B
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 3A with resistive
load @ 125VAC or 28 VDC; 1.5A with
resistive load @ 250 VAC. R option-0.4 VA
max @ 20 Vmax (AC or DC)
Electrical Life: 30,000 make-and-break
cycles at full load
Contact Resistance: 10 milliohms max. initial
@ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,000 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
UL Recognition: File number is E35289
MATERIALS
Case: Diallyl phthalate (DAP) (UL 94V-0)
Toggle Handle: Brass, chrome plated
Bushing: Brass, nickel plated
Housing: Stainless steel
Terminal/Switch Support: Brass, electrotin
plated
Terminal Seal: Epoxy
HARDWARE In inches (and millimeters)
NUT
LOCK WASHER
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
HDW21
HDW22
(
)
(
)
Series 34C: Sub-Miniature Toggle Switches
34CWSP12B4M2RT
Series 34C Sub-Miniature Toggle Switches
Model: SPDT: MSP1, MSP2, MSP3, MSP4, MSP5
DPDT: MDP1, MDP2, MDP3, MDP4, MDP5
(See Model options.)
Actuator: 1, 2, 3, 4, 5 (See Actuator options.)
RoHS Compliant
Contact: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy over silver plate
Termination Options: M1, M2, M6, M7, V2, V3
(See Termination options.)
Bushing Option: B1, B2, B3, B4, B5, B6, B7, B8
(See Bushing options.)
Toggle
17


Similar Part No. - 34BMSP31B3M1RT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
34BR LUGUANG-34BR Datasheet
1Mb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Grayhill, Inc
34BWSP11B1M1RT GRAYHILL-34BWSP11B1M1RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M2RT GRAYHILL-34BWSP11B1M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M6RT GRAYHILL-34BWSP11B1M6RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M7RT GRAYHILL-34BWSP11B1M7RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
More results

Similar Description - 34BMSP31B3M1RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com