Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34BMSP41B2M1RT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 34BMSP41B2M1RT
Description  Sub-Miniature Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34BMSP41B2M1RT Datasheet(HTML) 3 Page - Grayhill, Inc

  34BMSP41B2M1RT Datasheet HTML 1Page - Grayhill, Inc 34BMSP41B2M1RT Datasheet HTML 2Page - Grayhill, Inc 34BMSP41B2M1RT Datasheet HTML 3Page - Grayhill, Inc 34BMSP41B2M1RT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
1
2
3
P.C. MOUNTING
4
5
6
EPOXY SEAL
.200
(5.08)
.100
(2.54)
.200
(5.08)
Ø.043
(Ø1.09)
.200
(5.08)
.030
(0.76)
.194
(4.93)
.220
(5.59)
.100
(2.54)
.200
(5.08)
.158
(4.01)
.016
(0.41)
.030
(0.76)
.130
(3.30)
.320
(8.13)
.360
(9.14)
.100
(2.54)
.020
(0.51)
.020
(0.51)
3
2
1
P.C. MOUNTING
.200
(5.08)
.100
(2.54)
.320
(8.13)
.200
(5.08)
.100
(2.54)
Ø.043
(Ø1.09)
EPOXY SEAL
.158
(4.01)
.016
(0.41)
.220
(5.59)
.194
(4.93)
.130
(3.30)
.200
(5.08)
.030
(0.76)
.200
(5.08)
.030
(0.76)
.020
(0.51)
P.C. MOUNTING
12
3
.130
(3.30)
.030
(0.76)
.200
(5.08)
.400
(10.16)
.100
(2.54)
.020
(0.51)
.016
(0.41)
EPOXY
SEAL
.400
(10.16)
.100
(2.54)
Ø.043
(Ø1.09)
.355
(9.02)
.194
(4.93)
.220
(5.59)
3
2
1
P.C. MOUNTING
6
5
4
.200
(5.08)
.100
(2.54)
.320
(8.13)
.100
(2.54)
Ø.043
(Ø1.09)
EPOXY SEAL
.158
(4.01)
.016
(0.41)
.220
(5.59)
.194
(4.93)
.130
(3.30)
.200
(5.08)
.200
(5.08)
.030
(0.76)
.360
(9.14)
.030
(0.76)
.200
(5.08)
.200
(5.08)
.100
(2.54)
.020
(0.51)
P.C. MOUNTING
45
6
.400
(10.16)
.100
(2.54)
.020
(0.51)
.016
(0.41)
EPOXY
SEAL
.400
(10.16)
Ø.043
(Ø1.09)
.194
(4.93)
.220
(5.59)
.130
(3.30)
.352
(8.94)
.100
(2.54)
.200
(5.08)
.360
(9.14)
.100
(2.54)
.200
(5.08)
.100
(2.54)
V2
Vertical Bracket P.C. Mount
V3
Vertical Bracket P.C. Mount
M7
Right Angle
P.C. Mount,
Vertical
Actuation
TERMINATION OPTIONS In inches (and millimeters)
Series 34C: Sub-Miniature Toggle Switches
DPDT
SPDT
DPDT
SPDT
DPDT
M6
Toggle
16


Similar Part No. - 34BMSP41B2M1RT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
34BR LUGUANG-34BR Datasheet
1Mb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Grayhill, Inc
34BWSP11B1M1RT GRAYHILL-34BWSP11B1M1RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M2RT GRAYHILL-34BWSP11B1M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M6RT GRAYHILL-34BWSP11B1M6RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
34BWSP11B1M7RT GRAYHILL-34BWSP11B1M7RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
More results

Similar Description - 34BMSP41B2M1RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com