Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2677IRGVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2677IRGVRG4
Description  Dual, Wideband, High Output Current Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2677IRGVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2677IRGVRG4 Datasheet HTML 6Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 7Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 8Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 9Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 10Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 11Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 12Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 13Page - Texas Instruments OPA2677IRGVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
OPA2677
10
SBOS126I
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
At TA = +25°C, Differential Gain = +9, RF = 300Ω, and RL = 70Ω, unless otherwise noted. See Figure 5 for AC performance only.
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
5
100
10
500
3
0
–3
–6
–9
R
L = 70Ω
V
O = 200mVPP
G
D = +2,
R
F = 442Ω
G
D = +5,
R
F = 383Ω
G
D = +9,
R
F = 300Ω
See Figure 5
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
4100
10
400
20
19
18
17
16
15
14
0.2V
PP
R
L = 70Ω
G
D = +9
5V
PP
2V
PP
1V
PP
See Figure 5
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
1k
100
–65
–70
–75
–80
–85
–90
–95
2nd-Harmonic
3rd-Harmonic
f = 5MHz
G
D = +9
V
O = 2VPP
See Figure 5
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
10
1
100
–60
–65
–70
–75
–80
–85
–90
–95
–100
2nd-Harmonic
3rd-Harmonic
G
D = +9
R
L = 70Ω
V
O = 2VPP
See Figure 5
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
0.1
10
1
100
–64
–66
–68
–70
–72
–74
–76
–78
–80
f = 5MHz
G = +9
R
L = 70Ω
2nd-Harmonic
3rd-Harmonic
See Figure 5
MULTITONE POWER RATIO
(V
S = ±6V, 13dBm Output Power)
Frequency (kHz)
0
20
40
60
80
100
120
140
160
10
0
–10
–20
–30
–40
–50
–60
–70
–80
See Figure 5


Similar Part No. - OPA2677IRGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677IRGVR TI1-OPA2677IRGVR Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
More results

Similar Description - OPA2677IRGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com