Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2677IRGVR Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2677IRGVR
Description  Dual, Wideband, High Output Current Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2677IRGVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2677IRGVR Datasheet HTML 7Page - Texas Instruments OPA2677IRGVR Datasheet HTML 8Page - Texas Instruments OPA2677IRGVR Datasheet HTML 9Page - Texas Instruments OPA2677IRGVR Datasheet HTML 10Page - Texas Instruments OPA2677IRGVR Datasheet HTML 11Page - Texas Instruments OPA2677IRGVR Datasheet HTML 12Page - Texas Instruments OPA2677IRGVR Datasheet HTML 13Page - Texas Instruments OPA2677IRGVR Datasheet HTML 14Page - Texas Instruments OPA2677IRGVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
OPA2677
11
SBOS126I
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +4, RF = 453Ω, and RL = 100Ω to VS/2, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
50
100
150
200
250
6
3
0
–3
–6
–9
–12
–15
–18
See Figure 3
G = +1
R
F = 536Ω
G = +2
R
F = 511Ω
G = +4
R
F = 453Ω
G = +8
R
F = 332Ω
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
50
100
150
200
250
6
3
0
–3
–6
–9
–12
–15
–18
G = –8
R
F = 332Ω
G = –4
R
F = 453Ω
G = –2
R
F = 511Ω
G = –1
R
F = 536Ω
See Figure 4
400
300
200
100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 500mVPP
See Figure 3
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 2VPP
See Figure 3
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
2
0
–2
–4
–6
–8
–10
10M
100M
1G
C
L = 10pF
C
L = 22pF
C
L = 47pF
453
150
804
804
1k
1k
Ω Load Optional.
1/2
OPA2677
VI
+5V
0.1
µF
VO
RS
CL
0.1
µF
C
L = 100pF


Similar Part No. - OPA2677IRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677IRGVR TI1-OPA2677IRGVR Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
More results

Similar Description - OPA2677IRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com