Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34DWMSP21B4M1RT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 34DWMSP21B4M1RT
Description  Sealed Sub-Miniature Toggle Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

34DWMSP21B4M1RT Datasheet(HTML) 1 Page - Grayhill, Inc

  34DWMSP21B4M1RT Datasheet HTML 1Page - Grayhill, Inc 34DWMSP21B4M1RT Datasheet HTML 2Page - Grayhill, Inc 34DWMSP21B4M1RT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
Switching Position
Model
Comm.
Term.
WMSP4
WMSP5
WMSP3
WMSP2
WMSP1
No.
(ON)
2-3
OPEN
2-1
(ON)
ON
ON
OFF
OFF
OFF
ON
ON
NONE
NONE
(ON)
ON
(ON)
ON
1
2
3
.148
(3.76)
Ø.180
(Ø4.58)
.416
(10.57)
.543
(13.80)
.185
(4.70)
.130
(3.30)
.100
(2.54)
TYP.
.020
(0.51)
.320
(8.13)
.200
(5.08)
.029
(0.75)
Ø.100
(Ø2.52)
EPOXY SEAL
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
Switching Position
Model
Comm.
Term.
WMDP4
WMDP5
WMDP3
WMDP2
WMDP1
No.
(ON)
2-3
OPEN
2-1
(ON)
ON
ON
OFF
OFF
OFF
ON
ON
NONE
NONE
(ON)
ON
(ON)
ON
5-6
5-4
4
5
6
.148
(3.76)
Ø.180
(Ø4.58)
.416
(10.57)
.543
(13.80)
.185
(4.70)
.130
(3.30)
.100
(2.54)
TYP.
.020
(0.51)
.320
(8.13)
.364
(5.08)
.029
(0.75)
Ø.100
(Ø2.52)
EPOXY SEAL
.200
(5.08)
.421
(10.70)
Ø.100
(Ø2.52)
Ø.100
(Ø2.52)
.240
(6.10)
Ø.100
(Ø2.52)
.342
(8.70)
Ø.100
(Ø2.52)
.550
(13.97)
Ø.100
(Ø2.52)
Ø.100
(Ø2.52)
.421
(10.70)
.264
(6.70)
SERIES 34D
Sealed Sub-Miniature Toggle
Switches
FEATURES
• Save Space and Weight
• SPDT and DPDT Circuitry
• Choice of Actuators, Bushings, and
Terminations
• Sealed per IP67
MODELS In inches (and millimeters)
SPDT
DPDT
ACTUATOR OPTIONS In inches (and millimeters)
1
2
Std
34
56
ESD Resistant
Plastic Toggle
ESD Resistant
Plastic Toggle
Series 34D: Sealed Sub-Miniature Toggle Switches
Toggle
18


Similar Description - 34DWMSP21B4M1RT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com