Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GKG5R016 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GKG5R016
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG5R016 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GKG5R016 Datasheet HTML 1Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG5R016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
5
0.16
± 0.008
4.0
± 0.2
0.02
0.5
SLOTS
DP
x
0.094
2.4
0.055
1.4
DIA
0.039
1.0
DIA
(2 HOLES)
0.20
5.0
Mounting Hole Layout
0.18
± 0.008
4.5
± 0.2
0.11
± 0.008
2.7
± 0.2
0.094
± 0.02
2.4
± 0.5
ROTOR
0.24
± 0.02
6.2
± 0.5
0.008
± 0.002
0.2
± 0.05
STATOR
0.03
0.7
0.05
± 0.004
1.2
± 0.1
TYP
0.02
0.5
TYP
0.02
0.5
SLOTS
DP
0.02
0.5
x
0.094
2.4
0.055
1.4
DIA
0.16
± 0.008
4.0
± 0.2
0.079
± 0.008
2.0
± 0.2
0.11
± 0.008
2.7
± 0.2
0.13
± 0.02
3.4
± 0.5
0.18
± 0.008
4.5
± 0.2
0.039
1.0
DIA
(2 HOLES)
0.148
3.75
Mounting Hole Layout
0.03
0.7
0.008
± 0.002
0.2
± 0.05
TYP
STATOR
0.148
± .01
3.75
± 0.3
0.21
± 0.02
5.3
± 0.5
ROTOR
0.0 94
± 0.02
2.4
± 0.5
0.063
± 0.008
1.6
± 0.2
FEATURES
• Very low cost due to automated production and
solderless touch contact construction.
• Wide selection of capacitance ranges.
• Color coded housings.
• Easy blind tuning (2 slots at 90° angle in adjust
cavity — accepts cross-slotted tool).
• Process seal on adjust screw access face (optional)
provides protection against contaminants (flux,
solvents, etc.) during production.
4 x 4.5 mm Models
1Re-rated in 1993.
2Marking on bottom of capacitor.
Capacitance
Top Mount
3
Top Mount
3
Top Mount
4
(pF)
TCC
Q min
Color
Spring Lead Model No.
Spring Lead Model No.
Ammo Pack Model No.
1min
max
(ppm / °C) 1 MHz 10 MHz
Code
Unsealed
Sealed
Unsealed
Sealed
Unsealed
1.4
3.0
0 ± 200
300
300
2 Red Dot GKG3R021 GKG3R071 GKG3R024 GKG3R074
GKG3R025
2.0
6.0
0 ± 200
500
300
Blue
GKG6R021 GKG6R071 GKG6R024 GKG6R074
GKG6R025
3.0
10.0
0 ± 300
500
300
White
GKG10021 GKG10071 GKG10024 GKG10074
GKG10025
4.5
20.0
N900 ± 350
500
300
Red
GKG20021 GKG20071 GKG20024 GKG20074
GKG20025
6.5
30.0
N1100 ± 450
300
300
Green
GKG30021 GKG30071 GKG30024 GKG30074
GKG30025
15.0
50.0
N1700 ± 500
300
N.A.
Orange
GKG50021 GKG50071 GKG50024 GKG50074
GKG50025
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
Voltage Rating: 100 VDC
Dielectric Withstanding Voltage: 220 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 100 g-cm (0.14 to 1.39 oz-in)
All dimensions are in / mm.
Tape dimensions on page 3.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
PLASTIC ENCASED TYPE: 4 x 4.5 mm
Available With or Without Adjust Cavity Seal
GKG _ _ _ 21, 71
GKG _ _ _ 24, 74
3Magazine pack (120 pieces) for auto insertion available — consult
factory for pricing.
4Ammo pack contains 1000 pcs.
0.16
± 0.008
4.0
± 0.2
0.02
0.5
SLOTS
DP
x
0.094
2.4
0.055
1.4
DIA
0.18
± 0.008
4.5
± 0.2
0.11
± 0.008
2.7
± 0.2
ROTOR
STATOR
0.02
0.5
0.079
± 0.008
2.0
± 0.2
0.047
1.2
VIEW A-A
(ROTOR)
AA
0.063
± 0.008
1.6
± 0.2
GKG _ _ _ 25
0.152
± 0.03
3.85
± 0.8
0.02
± 0.002
0.5
± 0.05
0.500
± 0.04
12.7
± 1
0.06
1.5
max
0.024
± 0.01
0.60
± 0.3
DIA
0.35
±0.02
9.0
±0.5
0.16
± 0.008
4.0
± 0.2
DIA
0.2
5.0
min
0.650
16.5
+0.06
–0
+1.5
–0
0.71
18
+0.04
– 0.02
+1
– 0.5
0.2
± 0.002
5.0
± 0.05
0.500
± 0.01
12.7
± 0.3
0.059
1.5
+0.020
–0
+0.5
–0
GKG _ _ _ 25 TAPE DIMENSIONS


Similar Description - GKG5R016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com