Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11K5029-JCAB Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 11K5029-JCAB
Description  CONTROL KNOBS Ideally Suited for Encoder and Rotary Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

11K5029-JCAB Datasheet(HTML) 1 Page - Grayhill, Inc

  11K5029-JCAB Datasheet HTML 1Page - Grayhill, Inc 11K5029-JCAB Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Control Knob Accessories
CONTROL KNOBS
Ideally Suited for Encoder and
Rotary Switches
FEATURES
• Standard Fit for Grayhill Encoder
and Rotary Switches
• Custom Materials, Styles, Colors
and Markings Available
• Standard Black or Gray
• Choice of Spring Clip (Press-On)
or Metal Insert with Set Screw
Versions
Contact Grayhill for special design
considerations
.335 (8,51)
1.330
(33,78)
DIA.
.440
(11,18)
DIA.
.620 (15,75)
.593
(15,06)
DIA.
.700
(17,78) DIA.
.600
(15,24)
Top View
Top View
Style 5013
Style 5014
DIMENSIONS In inches (and millimeters)
.
.894
(22,71)
DIA.
.500
(12,7)
DIA.
.662
(16,81)
.350
(8,9)
DIA.
.500
(12,7)
.440
(11,2)
Top View
Top View
Style 5015
Style 5017
Available in .125 and .157 (4mm) dia. shaft in spring clip
(press-on) version only.*
Available in .250 Dia. Shaft only.*
*See Ordering Information.
Encoder
68


Similar Part No. - 11K5029-JCAB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
11KA2C3P TOKEN-11KA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C5P TOKEN-11KA2C5P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C6P TOKEN-11KA2C6P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C7P TOKEN-11KA2C7P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C9P TOKEN-11KA2C9P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
More results

Similar Description - 11K5029-JCAB

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
Diodes Incorporated
T5V0S5-7 DIODES-T5V0S5-7 Datasheet
153Kb / 4P
   Ideally Suited for ESD Protection
logo
Sangdest Microelectroni...
ER3A SMC-ER3A Datasheet
144Kb / 4P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com