Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHMS597160 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHMS597160
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS597160 Datasheet(HTML) 3 Page - International Rectifier

  IRHMS597160 Datasheet HTML 1Page - International Rectifier IRHMS597160 Datasheet HTML 2Page - International Rectifier IRHMS597160 Datasheet HTML 3Page - International Rectifier IRHMS597160 Datasheet HTML 4Page - International Rectifier IRHMS597160 Datasheet HTML 5Page - International Rectifier IRHMS597160 Datasheet HTML 6Page - International Rectifier IRHMS597160 Datasheet HTML 7Page - International Rectifier IRHMS597160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHMS597160, JANSR2N7550T1
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS (V)
(MeV/(mg/cm2))
(MeV)
(µm) @VGS=0V @VGS=5V @VGS=10V @VGS=15V @VGS=17.5V
Br
37.9
252.6
33.1
-100
-100
-100
-100
-100
I
59.7
314
30.5
-100
-100
-100
-100
-75
Au
82.3
350
28.4
-100
-100
-100
-30
-100
-25
@VGS=20V
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
100KRads(Si)1
300KRads(Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-100
-100
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
-100
-100
nA
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
100
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
-10
-10
µA
VDS = -80V, VGS =0V
RDS(on)
Static Drain-to-Source
Ã
0.05
0.05
VGS = -12V, ID =-28.5A
On-State Resistance (TO-3)
VSD
Diode Forward Voltage
Ã
-5.0
-5.0
V
VGS = 0V, IS = -45A
1. Part number IRHMS597160 (JANSR2N7550T1)
2. Part number IRHMS593160 (JANSF2N7550T1)
-120
-100
-80
-60
-40
-20
0
0
5
10
15
20
VGS
Br
I
Au


Similar Part No. - IRHMS597160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
170Kb / 8P
   Simple Drive Requirements
IRHMS597160 IRF-IRHMS597160_15 Datasheet
170Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHMS597160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67260 IRF-IRHMS67260 Datasheet
149Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67264 IRF-IRHMS67264 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com