Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S801AFLF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICS932S801AFLF
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS932S801AFLF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICS932S801AFLF Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
ICS932S801
0959C—03/13/06
Electrical Characteristics - K8 Push Pull Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =AMD64 Processor Test Load
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS NOTES
Rising Edge Rate
δV/δt
210
V/ns
1
Falling Edge Rate
δV/δt
210
V/ns
1
Differential Voltage
VDIFF
0.4
1.25
2.3
V
1
Change in VDIFF_DC
Magnitude
∆V
DIFF
-150
150
mV
1
Common Mode Voltage
VCM
1.05 1.25 1.45
V
1
Change in Common
Mode Voltage
∆V
CM
-200
200
mV
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom. Maximum difference of cycle
time between 2 adjacent cycles.
0
100
200
ps
1
Jitter, Accumulated
tja
Measured using the JIT2 software
package with a Tek 7404 scope.
TIE (Time Interval Error) measurement
technique:
Sample resolution = 50 ps,
Sample Duration = 10 µs
-1000
1000
1,2,3
Duty Cycle
dt3
Measurement from differential
wavefrom
45
53
%
1
Output Impedance
RON
Average value during switching
transition. Used for determining series
termination value.
15
35
55
1
Group Skew
tsrc-skew
Measurement from differential
wavefrom
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All accumulated jitter specifications are guaranteed assuming that REF is at 14.31818MHz
3 Spread Spectrum is off
Measured at the AMD64 processor's
test load. 0 V +/- 400 mV (differential
measurement)
Measured at the AMD64 processor's
test load. (single-ended measurement)


Similar Part No. - ICS932S801AFLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
More results

Similar Description - ICS932S801AFLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
   K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com