Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3221EIA-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL3221EIA-T
Description  ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221EIA-T Datasheet(HTML) 5 Page - Intersil Corporation

  ICL3221EIA-T Datasheet HTML 1Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 2Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 3Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 4Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 5Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 6Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 7Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 8Page - Intersil Corporation ICL3221EIA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
FN4910.21
February 22, 2010
ICL3241E
ICL3243E
Typical Operating Circuits (Continued)
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
2
R1OUT
R1IN
4
5kΩ
R2OUT
R2IN
5
18
5kΩ
R3OUT
R3IN
6
17
5kΩ
R4OUT
R4IN
7
16
5kΩ
R5OUT
R5IN
R5
8
15
5kΩ
19
R2OUTB
C1
C2
+ C3
C4
EN
SHDN
23
GND
22
+3.3V
+
0.1µF
20
25
VCC
TTL/CMOS
LOGIC
RS-232
LEVELS
RS-232
LEVELS
R1OUTB
21
R1
R2
R3
R4
LEVELS
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
1
2
R1OUT
R1IN
4
5kΩ
R2OUT
R2IN
5
18
5kΩ
R3OUT
R3IN
6
17
5kΩ
R4OUT
R4IN
7
16
5kΩ
R5OUT
R5IN
R5
8
15
5kΩ
19
R2OUTB
C1
C2
+ C3
C4
FORCEON
FORCEOFF
23
GND
22
+3.3V
+
0.1µF
20
25
VCC
TTL/CMOS
LOGIC
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
R4
21
INVALID
TO POWER
CONTROL
LEVELS
LOGIC
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E


Similar Part No. - ICL3221EIA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221EIA-T INTERSIL-ICL3221EIA-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221EIA-T RENESAS-ICL3221EIA-T Datasheet
1Mb / 33P
   ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
More results

Similar Description - ICL3221EIA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com