Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527R-01ILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 527R-01ILFT
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

527R-01ILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  527R-01ILFT Datasheet HTML 1Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 2Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 3Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 4Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 5Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 6Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 7Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 8Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 5
ICS527-01
REV G 051310
Typical Example
The following connection diagram shows the implementation of the example from the previous section.
This will generate a 50 MHz clock synchronously with a 40 MHz input. A SYNC pulse is desired and the 1x
output drive is selected.T
Note: The series termination resistor is located before the feedback trace.
This will give the following waveforms:
Multiple Output Example
In this example, an input clock of 125 MHz is used. Eight copies of 50 MHz are required as are eight copies
of 25 MHz, de-skewed and aligned to the 125 MHz input clock. The following solution uses the
MK74CB218 which has dual 1 to 8 buffers with low pin-to-pin skew.
F6
ICLK
F5
F4
GND
F3
OECLK2
2XDRIVE
F0
F1
F2
CLK1
CLK2
GND
S1
VDD
R0
VDD
DIV2
S0
R2
R1
R5
R6
R4
R3
FBIN
PDTS
50 MHz
SYNC
33
33
0.01 F
40 MHz
0.01 F
VDD
40 MHz
ICLK
50 MHz
CLK1
SYNC
CLK2


Similar Part No. - 527R-01ILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
527R-01ILFT RENESAS-527R-01ILFT Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results

Similar Description - 527R-01ILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com