Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GKG20067 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GKG20067
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG20067 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GKG20067 Datasheet HTML 1Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J.1
SURFTRIM® SURFACE MOUNT
GKRP SERIES
FEATURES
• Sealed for washability
• Low mounting profile.
• Carrier and reel packaging standard.
• NPO temperature coefficient (up to 10 pF max).
• Self resonant frequency above 1 GHz.
3.2 x 2.5 x 1.3 mm
Models
Capacitance
Carrier and
(pF)
TCC
Q min
Reel Pack
min
max
(ppm / °C)
(1 MHz)
Model No.
3.0
5
0 ± 500
150
GKRP5R066
3.0
10
0 ± 500
150
GKRP10066
5.0
20
N750 ± 500
150
GKRP20066
SPECIFICATIONS
Operating Temperature Range: –40°C to +85°C
Voltage Rating: 25 VDC
Dielectric Withstanding Voltage: 75 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 150 g-cm (0.14 to 2.1 oz-in)
All dimensions are in / mm.
Unless otherwise specified, the tolerance on
dimensions is ± 0.004 / 0.1.
7.0
30
N750 ± 500
150
GKRP30066


Similar Description - GKG20067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com