Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87FC3-201 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 87FC3-201
Description  1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

87FC3-201 Datasheet(HTML) 1 Page - Grayhill, Inc

  87FC3-201 Datasheet HTML 1Page - Grayhill, Inc 87FC3-201 Datasheet HTML 2Page - Grayhill, Inc 87FC3-201 Datasheet HTML 3Page - Grayhill, Inc 87FC3-201 Datasheet HTML 4Page - Grayhill, Inc 87FC3-201 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Modular Keyboards
SERIES 87
Low Profile
FEATURES
• 1, 2, 3, 4, 5 and 6 Button Individual
Keyswitches
• 12 and 16 Button Keypads
• Maintain 1/2" Button Centers, no
Matter How You Mount Modules or
What Combination You Use
• Up to 3,000,000 Operations per
Button
• Low Profile Design
Legends For Any Need
Design Keyboards and Individual Keyswitches
to Virtually any Configuration Without Costly
Tooling.
Prototypes and small quantities: create your
own with economical, insertable legend style
modules.
Production quantities: choose either custom
printing or permanent molded-in legends.
DIMENSIONS In inches (and millimeters)
One Button Module
Two Button Module
Snap Dome Contact System
Hear and feel button actuation
You're assured of reliable button actuation with
the metal snap-dome under each Series 87
button. When actuated, the dome changes
shape, providing audible and tactile feedback to
the operator.
BUTTON
HOUSING
PC BOARD
CIRCUIT
PATH
DOME
.366 ± .010
(9,30 ± 0,25)
SQ. BUTTON
A
.490 ± .010
(12,45 ± 0,25)
.025 ± .002
(0,64 ± 0,05)
SQ. TERMINAL
.350 ± .010
(8,89 ± 0,25)
.075 ± .010 TYP.
(1,91 ± 0,25)
.300 ± .010
(7,62 ± 0,25)
.095 ± .010
(2,41 ± 0,25)
.095 ± .010
(2,41 ± 0,25)
.064 ± .010 TYP.
(1,63 ± 0,25)
SWITCH KEY IDENTIFICATION
(FOR REF. ONLY)
.163 ± .010
(4,14 ± 0,25)
.015 ± .010
(0,38 ± 0,25)
BUTTON
PROJECTION
A
COMMON
TERMINAL I.D.
(FOR REF. ONLY)
TERMINAL PINS AT
BOTTOM OF SWITCH
A
B
.490 ± .010
(12,45 ± 0,25)
.366 ± .010
(9,30 ± 0,25)
SQ. BUTTON
.025 ± .002
(0,64 ± 0,05)
SQ. TERMINAL
.095 ± .010
(2,41 ± 0,25)
SWITCH KEY
IDENTIFICATION
(FOR REF. ONLY)
.350 ± .010
(8,89 ± 0,25)
.500 ± .010
(12,7 ± 0,25)
.990 ± .010
(25,15 ± 0,25)
.245 ± .010
(6,22 ± 0,25)
.163 ± .010
(4,14 ± 0,25)
.500 ± .010
(12,7 ± .010)
.300 ± .010
(7,62 ± 0,25)
.095 ± .010
(2,41 ± 0,25)
.075 ± .010
(1,91 ± 0,25)
.064 ± .010 TYP.
(1,63 ± 0,25)
.015 ± .010
(0,38 ± 0,25)
BUTTON
PROJECTION
A
B
COMMON
TERMINAL I.D.
(FOR REF. ONLY)
TERMINAL PINS AT
BOTTOM OF SWITCH
Keypads
46


Similar Part No. - 87FC3-201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
87F008SU ONSEMI-87F008SU Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
87F064JU ONSEMI-87F064JU Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
More results

Similar Description - 87FC3-201

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
ON Semiconductor
NCP81610 ONSEMI-NCP81610 Datasheet
590Kb / 31P
   8/7/6/5/4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
July, 2020 - Rev. 5
logo
Norgren Ltd
K41DA00KA1KS6 NORGREN-K41DA00KA1KS6 Datasheet
1Mb / 6P
   Nugget 200 Spool Valves 1/4", 3/8", 1/2" NPT Air Pilot Actuated 3/2, 5/2, & 5/3 Inline Valves
logo
Silicon Laboratories
SI52212 SILABS-SI52212_V01 Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
logo
Recom International Pow...
REM6-053.3S RECOM-REM6-053.3S Datasheet
471Kb / 6P
   6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
Molex Electronics Ltd.
1301800319 MOLEX11-1301800319 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size 2, 3, 4, 5, 6, or 7 holes 4.75mm
logo
Vishay Siliconix
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com