Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-386L-BLKG Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386L-BLKG
Description  Unique Configurations in Surface Mount Packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386L-BLKG Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-386L-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-386L-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
ABC
ABC
ABC
ABC
Device Orientation
Tape Dimensions and Product Orientation
For Outline SOT-23
For Outlines SOT-23, -323
For Outline SOT-363
9 MAX
A0
P
P0
D
P2
E
F
W
D1
Ko
8 MAX
B0
13.5 MAX
t1
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
3.15 ± 0.10
2.77 ± 0.10
1.22 ± 0.10
4.00 ± 0.10
1.00 + 0.05
0.124 ± 0.004
0.109 ± 0.004
0.048 ± 0.004
0.157 ± 0.004
0.039 ± 0.002
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50 + 0.10
4.00 ± 0.10
1.75 ± 0.10
0.059 + 0.004
0.157 ± 0.004
0.069 ± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00+ 0.30 - 0.10
0.229 ± 0.013
0.315+ 0.012 - 0.004
0.009 ± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50 ± 0.05
2.00 ± 0.05
0.138 ± 0.002
0.079 ± 0.002
DISTANCE
BETWEEN
CENTERLINE


Similar Part No. - HSMP-386L-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-386L-BLK HP-HSMP-386L-BLK Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-386L-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389T-BLKG AVAGO-HSMP-389T-BLKG Datasheet
332Kb / 13P
   Unique Configurations in Surface Mount Packages
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
   Surface mount guidelines for MEMS sensors in HLGA packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2810 AVAGO-HSMS-2810 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
logo
Aavid, Thermal Division...
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com