Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82-201-41 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 82-201-41
Description  Long, Stroke, Wiping Contact Lightable Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

82-201-41 Datasheet(HTML) 2 Page - Grayhill, Inc

  82-201-41 Datasheet HTML 1Page - Grayhill, Inc 82-201-41 Datasheet HTML 2Page - Grayhill, Inc 82-201-41 Datasheet HTML 3Page - Grayhill, Inc 82-201-41 Datasheet HTML 4Page - Grayhill, Inc 82-201-41 Datasheet HTML 5Page - Grayhill, Inc 82-201-41 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Modular Keyboards
DIMENSIONS In inches (and millimeters)
Unlighted
Lightable
Unlighted (only)
Unlighted
Lightable
Unlighted
Lightable
.683 + .005 – .010
(17,35 + 0,13 – 0,25)
.683 + .005
– .010
(17,35 + 0,13
– 0,25)
.500 + .010 – .005
(12,7 + 0,25 – 0,13)
SQ. TYP.
.408 ± .005
(10,36 ± 0,13)
SQ. TYP.
.750 ± .025
(19,05 ± 0,64)
.450 ± .010
(11,43 ± 0,25)
.168 ± .010
(4,27 ± 0,25)
.125 ± .005
(3,18 ± 0,13)
.030 ± .002
(0,76 ± 0,05)
DIA. TYP.
.750 ± .025
(19,05 ± 0,64)
.450 ± .010
(11,43 ± 0,25)
.168 ± .010
(4,27 ± 0,25)
.125 ± .005
(3,18 ± 0,13)
.030 ± .002
(0,76 ± 0,05)
DIA. TYP.
.687 ± .005
(17,45 ± 0,13)
.683 + .005
– .010
(17,35 + 0,13
– 0,25)
.500 + .010 – .005
(12,7 + 0,25 – 0,13)
SQ. TYP.
.408 ± .005
(10,36 ± 0,13)
SQ. TYP.
.750 ± .025
(19,05 ± 0,64)
.450 ± .010
(11,43 ± 0,25)
.168 ± .010
(4,27 ± 0,25)
.125 ± .005
(3,18 ± 0,13)
.030 ± .002
(0,76 ± 0,05)
DIA. TYP.
1.370 + .005 – .010
(34,80 + 0,13 – 0,25)
2.057 + .005 – .010
(52,25 + 0,13 – 0,25)
.683 + .005
– .010
(17,35 + 0,13
– 0,25)
.500 + .010 – .005
(12,7 + 0,25 – 0,13)
SQ. TYP.
.408
± .005
(10,36
± 0,13)
SQ. TYP.
.750
± .025
(19,05
± 0,64)
.450
± .010
(11,43
± 0,25)
.168
± .010
(4,27
± 0,25)
.125
± .005
(3,18
± 0,13)
.030
± .002
(0,76
± 0,05)
DIA. TYP.
.750
± .025
(19,05
± 0,64)
.450
± .010
(11,43
± 0,25)
.168
± .010
(4,27
± 0,25)
.125
± .005
(3,18
± 0,13)
.030
± .002
(0,76
± 0,05)
DIA. TYP.
.687
± .005
(17,45
± 0,13)
2.057 + .015 – .010
(52,25 + 0,13 – 0,25)
.687
.005
(17,35
0,13)
.500 + .010 – .005
(12,7 + 0,25 – 0,13)
SQ. TYP.
.408 .005
(10,36 0,13)
SQ. TYP.
.750 .025
(19,05 0,64)
.450 .010
(11,43 0,25)
.168 .010
(4,27 0,25)
.125 .005
(3,18 0,13)
.030 .002
(0,76 0,05)
DIA. TYP.
.750 .025
(19,05 0,64)
.450 .010
(11,43 0,25)
.168 .010
(4,27 0,25)
.125 .005
(3,18 0,13)
.030 .002
(0,76 0,05)
DIA. TYP.
.687 .005
(17,45 0,13)
1.370
+ .015
– .010
(34,80
+ 0,38
– 0,25)
CIRCUIT BOARD STANDOFF
.062 + .010 – .005 (1,57 + 0,25 – 0,13) DIA.
x .032 .005 (0,81 0,13) HIGH
Keypads
41


Similar Part No. - 82-201-41

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
82-209-1006-B RF-82-209-1006-B Datasheet
246Kb / 1P
   N STR JACK FOR BELDEN BLACK PLATED 9913 CABLE
Rev. A
More results

Similar Description - 82-201-41

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
   Long-stroke Tactile Switch (SMT)
logo
Grayhill, Inc
46-101RED GRAYHILL-46-101RED Datasheet
132Kb / 3P
   Long Wipe Contact Assures High Reliability
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com