Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82-601-86 Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 82-601-86
Description  Long, Stroke, Wiping Contact Lightable Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

82-601-86 Datasheet(HTML) 5 Page - Grayhill, Inc

  82-601-86 Datasheet HTML 1Page - Grayhill, Inc 82-601-86 Datasheet HTML 2Page - Grayhill, Inc 82-601-86 Datasheet HTML 3Page - Grayhill, Inc 82-601-86 Datasheet HTML 4Page - Grayhill, Inc 82-601-86 Datasheet HTML 5Page - Grayhill, Inc 82-601-86 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Modular Keyboards
SPECIFICATIONS
Rating
Rating at 5 Vdc: 100 milliamps
Contact Resistance: 25 milliohms or less on a
new switch
Voltage Breakdown: 250 Vac between mutually
insulated parts
Insulation Resistance: 1,000 megaohms
minimum
Life Expectancy: 1,000,000 operations
Contact Bounce: 10 milliseconds or less for
the life of the switch
Operating Temperature: -40°C to 80°C
Materials and Finishes
Pin Contact: Brass, gold plate over nickel plate
SPECIAL LEGENDS
Molded-In Legends
For Unlighted Modules
In addition to standard white
legend on gray button, long-
wearing, molded-in legends are
available in white button with black
legend and white legend with red,
green or black buttons. Other
color combinations are possible.
Printed Legends (2 Styles)
Virtually anything which can be photographed
can be printed. Sturdy epoxy ink printing bonds
to the surface of the button. Standard printing
for the gray unlighted buttons is white; standard
printing for the translucent white buttons of the
lightable modules is black.
Top Surface Printing: Legend is applied directly
to top of button. Available on all standard,
unlighted modules.
Sub Surface Printing: Provides maximum wear
for printed surfaces. Available for lighted and
unlighted gray modules. Printed internal button
cap is protected by a clear outer cap.
4GH088
.083"
1GH125
.138"
3GH187
.207"
2GH250
.276"
ABC
ABCD
ABCDE
ABCDEFGH
5 Char.
2 Lines
4 Char.
1 Line
2 Char.
1 Line
2 Char.
1 Line
OPER
TAB
INDEX
ON
8 Char.
3 Lines
4 Char.
2 Lines
3 Char.
1 Line
2 Char.
1 Line
4 Char.
2 Lines
3 Char.
1 Line
2 Char.
1 Line
N/A
N/A
OFF
15
15
RESEARCH
SYSTEMS
12345678
CODE
SEND
STOP
1234
OFF
ON
Type No.
Sample Style
Sub Surface
Top Surface
Lightable Module
and Typical
and Typical
Character and
Character and
Character and
Height
Sizes
Line Limitations
Line Limitations
Line Limitations*
Note: Limitations for legends differ with surface to be printed and actual characters. If your application exceeds the approximations
in the chart, contact Grayhill for more information.
* For top and sub-surface printed modules.
STANDARD LEGENDS
Telephone Keyset
Two 6-button modules
form the keyset. White
telephone legend is
molded into a gray
button. SPST, 2PST,
3PST,
and
4PST
circuitry
available
from distributors, see
ordering information;
order special circuitry
from Grayhill.
Non-Legend, Lighted Modules
Standard lightable module configurations
without cap slot for insertable legend.
Insertable Legend Styles
Prototypes can look professional with insertable
legend modules. Just slip imprinted legend insert
through the slot of the clear button cap.
Legend Sheet
Available for each module style. Each sheet
contains commonly used symbols, terms, alpha
characters, and 0-19 in News Gothic Condensed
type on polyester film, ready to be cut and
inserted. Deadfront legends are invisible until lit.
White on Clear: For unlighted gray modules
Part No. 82AC2017-1
Black on Clear: For lighted gray modules
Part No. 82AC2050-1
Translucent White on Black: For black modules
Part No. 82AC2060
Deadfront on Black: For black modules
Spring Contact: Copper alloy, gold plate over
nickel plate
Housing: ABS plastic (gray)
Base: PPS plastic (black)
Return Spring: Tinned music wire
Other Parts: (By Module and Legend Style): For
unlighted module with molded legends or top
surface printed legends. Internal Button is acetal
and the Button is ABS plastic (gray).
For unlighted module with sub-surface printed
legends or insertable legends, Internal Button is
acetal; Internal Cap is ABS plastic (gray); and
Clear Cap is polycarbonate plastic. For lightable
modules, the Internal Button and the Clear Cap
are polycarbonate. The Internal Cap for gray
modules is acrylic; for the black modules, the
Internal Cap with window is polycarbonate.
For special lightable modules for higher
temperatures,
internal
button
cap
is
polycarbonate and housing is polyester.
Operating Features
Action: Momentary, wiping contact
Button Travel: 0.130" (3,30 mm) total travel
Overtravel: 0.080" nominal
Operating Force: 8 ± 3 ounces (depends on
number of poles.)
Soldering Instructions
Series 82 Keyboard Modules have been
successfully tested for heat resistance to
soldering up to 260°C (500°F) for a maximum of
5 seconds. Careful flux cleaning is required
since the switch is not sealed. For applications
in excess of these limits or that require vapor
spray or immersion cleaning, contact Grayhill.
Printed Type styles
The type style chart below illustrates type style
and approximate sizes and limits for button cap
legends; other sizes are also available. Limitations
for legends differ with type size and character.
Legends for lightable modules are further limited
by the size of the internal button and lighted area.
Grayhill's library includes many popular legends.
Contact Grayhill for complete information.
Special Colors
Besides the standard
gray and black housings,
you may order white,
beige or brown. Button
colors may also be
specially ordered. For
more information, see
next page.
Keypads
44


Similar Part No. - 82-601-86

ManufacturerPart #DatasheetDescription
logo
EAO AG.
82-6151.0124 EAO-82-6151.0124 Datasheet
463Kb / 2P
   Indicator 22 mm stainless-steel
05.09.2022
82-6151.1A14.B001 EAO-82-6151.1A14.B001 Datasheet
429Kb / 2P
   Illuminated pushbutton 16 mm Aluminium, momentary
05.09.2022
82-6151.1A24.B001 EAO-82-6151.1A24.B001 Datasheet
423Kb / 2P
   Pushbutton 22 mm Aluminium
05.09.2022
82-6151.2AA4.B001 EAO-82-6151.2AA4.B001 Datasheet
463Kb / 2P
   Indicator 22 mm stainless-steel
05.09.2022
logo
Amphenol Corporation
82-6489 AMPHENOL-82-6489 Datasheet
131Kb / 1P
   N PLUG R/A IP-67 FOR LMR-400-CABLE
More results

Similar Description - 82-601-86

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
   Long-stroke Tactile Switch (SMT)
logo
Grayhill, Inc
46-101RED GRAYHILL-46-101RED Datasheet
132Kb / 3P
   Long Wipe Contact Assures High Reliability
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com