Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1043 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # HMC1043
Description  Three-Axis Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMC1043 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  HMC1043 Datasheet HTML 1Page - Honeywell Accelerometers HMC1043 Datasheet HTML 2Page - Honeywell Accelerometers HMC1043 Datasheet HTML 3Page - Honeywell Accelerometers HMC1043 Datasheet HTML 4Page - Honeywell Accelerometers HMC1043 Datasheet HTML 5Page - Honeywell Accelerometers HMC1043 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Three-Axis Magnetic Sensor
HMC1043
The Honeywell HMC1043 is a miniature three-axis surface mount sensor
array designed for low field magnetic sensing. By adding the HMC1043 with
supporting signal processing, a cost effective and space-efficient three-axis
magnetometer or compassing solution is enabled. This ultra-compact, low
cost solution is easy to assemble for high volume OEM designs. Applications
for the HMC1043 include Compassing, Navigation Systems, Magnetometry,
and Current Sensing.
The HMC10
43 utilizes Honeywell’s Anisotropic Magnetoresistive (AMR)
technology that provides advantages over coil based magnetic sensors. They
are extremely sensitive, low field, solid-state magnetic sensors designed to
measure direction and magnitude of Earth’s magnetic fields, from tens of micro-gauss to 6 gauss. Honeywell’s Magnetic
Sensors are among the most sensitive and reliable low-field sensors in the industry.
Honeywell continues to maintain product excellence and performance by introducing innovative solid-state magnetic
sensor solutions. These are highly reliable, top performance products that are delivered when promised. Honeywell’s
magnetic sensor solutions provide real solutions you can count on.
FEATURES
BENEFITS
Low Height Magnetic Sensors (1.40mm) Narrow Dimensions and Small Size for Low Profile Vertical Sensing
Applications and Mounting, No Layout Constraints
Surface Mount Three-Axis Sensors
Easy to Assemble & Compatible with High Speed SMT Assembly
Low Voltage Operations (2.0V)
Compatible for Battery Powered Applications
Low Cost
Designed for High Volume, Cost Effective OEM Designs
Available in Tape & Reel Packaging
High Volume OEM Assembly
4-Element Wheatstone Bridges
Low Noise Passive Element Design
Wide Magnetic Field Range (+/-6 Oe)
Sensor Can Be Used in Strong Magnetic Field Environments
Patented Offset and Set/Reset Straps
Stray Magnetic Field Compensation
Lead Free Package Construction
RoHS Compliance


Similar Part No. - HMC1043

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
   3-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
   3-Axis Magnetic Sensor
logo
Hittite Microwave Corpo...
HMC1043LC3 HITTITE-HMC1043LC3 Datasheet
1Mb / 10P
   GaAs MMIC FUNDAMENTAL
logo
Honeywell Solid State E...
HMC1043T/R HONEYWELL-HMC1043T/R Datasheet
127Kb / 6P
   3-Axis Magnetic Sensor
More results

Similar Description - HMC1043

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC2003 HONEYWELL-HMC2003 Datasheet
532Kb / 4P
   THREE-AXIS MAGNETIC SENSOR HYBRID
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
   3-AXIS MAGNETIC SENSOR
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
   One-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
   3-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
   3-Axis Magnetic Sensor
logo
Honeywell Accelerometer...
HMC1042L-TR HONEYWELL-ACC-HMC1042L-TR Datasheet
414Kb / 6P
   2-Axis Magnetic Sensor
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
   3-Axis Magnetic Field Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com