Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM72A-064R7LFTR13 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HM72A-064R7LFTR13
Description  Operating Temperature Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM72A-064R7LFTR13 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HM72A-064R7LFTR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM72A-064R7LFTR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM72A-064R7LFTR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM72A-064R7LFTR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
96
OrderingInformation
Packaging
Standard: EmbossedTapeandReel
Reel: Diameter:
= 13”(330.2mm)
Capacity: 06XXX
=
1,000Units
10XXX
=
500Units
12XXXL
=
500Units
12XXX/12XXXH =
400Units
InductanceCode:
First2digitsare
significant.Lastdigit
denotesthenumber
oftrailingzeros.For
valuesbelow10µH,“R“
denotesthedecimal
point.
ModelSeries
CaseSize:
06,10,12
TR-Tape&ReelPacking
13”-13”Reel
LeadFree
HM72A - 12
1R0
L
LF
TR13
Optionalheight:‘L’or‘H’
(ForHM72A-12XXXLF
seriesonly)
ElectricalCharacteristics@25°C(Cont’d)
Inductance Rolloff vs. Current Characteristics


Similar Part No. - HM72A-064R7LFTR13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM72A-064R7LF BITECH-HM72A-064R7LF Datasheet
682Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72A-064R7LF TTELEC-HM72A-064R7LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72A-064R7LFTR13

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com