Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71BY23403 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 71BY23403
Description  25,000 Cycles at 125 mA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

71BY23403 Datasheet(HTML) 1 Page - Grayhill, Inc

  71BY23403 Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
0.125"
Diameter
Shaft
All dimensions and rear view not shown for
the .250" diameter shaft type are the same
as the .125" diameter shaft type.
DIMENSIONS In inches (and millimeters)
Rear mounting
plate stamping
indicates CODED
output terminals,
not decimal
positions.
Grayhill part number and date code marked on label. Customer part number marked on request.
CODE AND TRUTH TABLE
Output
Decimal Position
Terminal
0
1
2
3
4
5
6
7
8
9
1
*
****
2*
*
*
*
4*
*
*
*
8*
*
l Indicates contact is made to the common.
SPECIFICATIONS
Electrical Rating
Rated: To make and break 125 mA at 30 Vdc
resistive at standard conditions
Life Expectancy: 25,000 cycles at rated load;
50,000 cycles mechanical. For ratings at different
loads and conditions, contact Grayhill.
Contact Resistance: 100 milliohms maximum
(50 milliohms initially)
Insulation Resistance: As measured between
mutually insulated parts
Initially:
50,000 megohms minimum
After Life:
10,000 megohms minimum
Voltage Breakdown: 500 Vac between mutually
insulated parts
Carry Current: These switches will carry 3
amperes with a maximum contact temperature
rise of 20°C.
OPTIONS
Shaft and Panel Seal
Shaft is sealed by o-ring inside the bushing;
panel is sealed by o-ring at the base of the
bushing. Seals do not alter dimensions as
shown in the drawing when switch is mounted.
Panel seal is silicone rubber. Shaft seal is an
o-ring per MIL-P-5516B. Shaft and panel seal
is not available on adjustable stop switch.
Additional Characteristics
Rotational Torque: 8 to 16 oz-in.
Contacts: Non-shorting wiping contacts
Shaft Flat Orientation: As shown in the drawing,
switch would provide a decimal 1 output.
Materials and Finishes
Base: Diallyl per MIL-M-14
Rotor Mounting Plate: Thermoplastic.
Rotor Contact: Phosphor Bronze, gold-plated
30 microinches minimum
Terminals: Brass, gold plate (20 microinches)
minimum over silver plate (300 microinches)
minimum
Additional Materials: Other switch materials
and finishes are the same as listed for the
standard switch. See Standard Switch.
Adjustable Stop Switches
Adjustable stop switch lets you limit the number
of positions. Remove and relocate pins in the
front plate. A sticker holds the pins in place.
With the exception of holes in the front plate, all
dimensions, ratings, and characteristics are
the same as the other Series 71 coded switches.
For diagrams, see Standard Switch.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
ORDERING INFORMATION
Shaft Diameter
Part
And Description
Number
1/8" Continuous Rotation
71AY23401
1/8" Cont. Rot., Sealed
71AY23402
1/4" Continuous Rotation
71BY23403
1/4" Cont. Rot., Sealed
71BY23404
1/8" Adjustable Stops
71AD36-3118
1/4" Adjustable Stops
71BD36-3119
SERIES 71
Binary Code
FEATURES
1/4" or 1/8" Shaft Diameters
• 25,000 Cycles at 125 mA
• Optional Seal Versions
• Adjustable Stop Versions
OF
BUSHING
FLATS
C
L
.094 ± .010
(2,39 ± 0,25)
OF SHAFT
FLAT
C
L
.203 ± .005
(5,16 ± 0,13)
.687 ± .015
(17,45 ± 0,38)
DIA.
.562 ± .015
(14,27 ± 0,38)
1/4 32-UNEF-2A
THREAD
.125 + .001/ –.002
(3,18 + 0,03/ –0,05)
.031 (0,79)
REF.
.761 ± .046
(19,33 ± 1,17)
.312 ± .020
(7,92 ± 0,51)
.375 ± .020
(9,53 ± 0,51)
.250 ± .020
(6,35 ± 0,51)
.500 ± .015
(12,7 ± 0,38)
DIA.
SEE
DETAIL A
.750 ± .020
(19,05 ± 0,51)
OVER TERMINALS
72˚
SHAFT IS
SHOWN
IN POSITION 1
OF
BUSHING
KEYWAY
C
L
.219 ± .004
(5,56 ± 0,10)
OF SHAFT
FLAT
C
L
72°
.250 + .001/ –.002
(6,35 + 0,03/ –0,05)
3/8 32-UNEF-2A
THREAD
BUSHING KEYWAY
.066 ± .002 (1,68 ± 0,05) WIDE
BY .036 ± .003 (0,91 ± 0,08)
FROM A .375 (9,53) DIAMETER
Detail A
.068 ± .005
(1,73 ± 0,13)
.034 ± .003
(0,86 ± 0,08)
SHAFT IS
SHOWN
IN POSITION 1
0.250"
Diameter
Shaft
Encoder
9


Similar Part No. - 71BY23403

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BDF30-02PAJN GRAYHILL-71BDF30-02PAJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
More results

Similar Description - 71BY23403

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0257P E-SWITCH-XF0257P Datasheet
37Kb / 1P
   ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0272P E-SWITCH-XF0272P Datasheet
28Kb / 1P
   ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0215P E-SWITCH-XF0215P Datasheet
90Kb / 1P
   ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0237P E-SWITCH-XF0237P Datasheet
49Kb / 1P
   ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
logo
List of Unclassifed Man...
9605R1.7KL2.0 ETC2-9605R1.7KL2.0 Datasheet
203Kb / 1P
   1,000,000 Full Cycles; 5,000,000 Dither Cycles
logo
Keysight Technologies
M9186A KEYSIGHT-M9186A Datasheet
453Kb / 8P
   16-bit, 16 V at 200 mA 100 V at 20 mA
logo
E-SWITCH
ST790010 E-SWITCH-ST790010 Datasheet
149Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
T790005 E-SWITCH-T790005 Datasheet
237Kb / 1P
   ELECTRIC LIFE: 20,000 CYCLES
XF0090P E-SWITCH-XF0090P Datasheet
198Kb / 1P
   ELECTRICAL LIFE: 50,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com