Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94550-4003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94550-4003
Description  5.00mm Pitch, Rast 5, PA Polyamide 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94550-4003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94550-4003 Datasheet HTML 1Page - Molex Electronics Ltd. 94550-4003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
94550-4003
Status:
Active
Overview:
RAST 5 Connector System
Description:
5.00mm Pitch, Rast 5, PA Polyamide 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire
Compatible
Documents:
3D Model
Test Summary TS-94550-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94550-001 (PDF)
General
Product Family
Crimp Housings
Series
94550
Application
Power, Wire-to-Board
Comments
This Molex product is manufactured from material
that has the following ratings, tested by independent
agencies :. a) A Glow Wire Ignition Temperature (GWIT)
of at least 775 deg C per IEC 60695-2-13.. b) A Glow
Wire Flammability Index (GWFI) above 850 deg C
per IEC 60695-2-12.and hence complies with the
requirements set out in the International Standard IEC
60335-1 5th edition - household and similar electrical
appliances - safety; section 30 Resistance to heat
and fire.<P><P>The customers using this product
must determine its suitability for use in their particular
application through testing or other acceptable means
as described in end-product glow-wire flammability
test standard IEC 60695-2-11 and any applicable
product end-use standard(s).<P>If it is determined
during the customer’s evaluation of suitability, that
higher performance is required, please contact Molex for
possible product options.
Overview
RAST 5 Connector System
Product Name
RAST 5
UPC
822350324441
Physical
Breakaway
No
Circuits (maximum)
3
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
2.520/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94550Series
Mates With
Rast 5 Headers, 90858 Vertical Header,
90879 Right Angle Header
Use With
94518 Crimp Terminal, 94549 Crimp
Terminal


Similar Part No. - 94550-4003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94550-4003 MOLEX11-94550-4003 Datasheet
140Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire Compatible
More results

Similar Description - 94550-4003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94550-4106 MOLEX11-94550-4106 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 6 Circuits, Natural, Glow
94550-4102 MOLEX11-94550-4102 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural, Glow
94550-4005 MOLEX11-94550-4005 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 5 Circuits, Natural, Glow
94550-4305 MOLEX11-94550-4305 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 5 Circuits, Natural, Glow
94550-4104 MOLEX11-94550-4104 Datasheet
43Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural, Glow
94550-4202 MOLEX11-94550-4202 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural, Glow
94550-4007 MOLEX11-94550-4007 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 7 Circuits, Natural, Glow
94550-4207 MOLEX11-94550-4207 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 7 Circuits, Natural, Glow
94550-4004 MOLEX11-94550-4004 Datasheet
43Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural, Glow
0945504003 MOLEX11-0945504003 Datasheet
140Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 3 Circuits, Natural, Glow Wire Compatible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com