Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-IDC5K Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70-IDC5K
Description  Fast Switching Polarized Input Types
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70-IDC5K Datasheet(HTML) 2 Page - Grayhill, Inc

  70-IDC5K Datasheet HTML 1Page - Grayhill, Inc 70-IDC5K Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
DC Input Modules
SPECIFICATIONS: By Part Number
Standard and Miniature Modules
Type/Function
Grayhill Part Number
Dual, Polarized
70L-IDC
70L-IDCB
Specifications
Units
Maximum Input Voltage
Vdc
32
32
Input Voltage Range1
Vdc
0-32
0-32
Input Current @ Max. Input Voltage
mA
18
18
Maximum Turn-on Time
mSec
0.20
0.05
Maximum Turn-off Time
mSec
0.40
0.075
Nominal Input Resistance (Rx)
1800
900
Maximum Pick-Up Voltage (Output Low)
Vdc
3
3
Minimum Drop-Out Voltage (Output High)
Vdc
0.9
0.9
Nominal Logic Voltage (Vcc)
Vdc
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
Max. Logic Supply Current
@ Nominal Vcc
mA
6/CH
6/CH
Module ID Resistance to Logic Ground
00
1 For input voltages in the range of 90 to 140 Vdc, use AC input modules 70-IAC5, 70M-IAC5,
70G-IAC5 or 70L-IAC. For input voltages in the range of 180 to 280 Vdc, use AC input modules
70-IAC5A, 70M-IAC5A, 70G-IAC5A or 70L-IACA.
OpenLine® Modules
Type/Function
Grayhill Part Number
Miniature, Polarized
70M-IDC5
70M-IDC15
70M-IDC24
Standard, Non-Polarized
70-IDC5
70-IDC5B
70-IDC5K
70-IDC15
70-IDC24
Specifications
Units
Maximum Input Voltage
Vdc
32
32
16
32
32
Input Voltage Range1
Vdc
3-32
3-32
2.5-16
3-32
3-32
Input Current @ Maximum Input Voltage
mA
18
18
30
18
18
Maximum Turn-On Time
mSec
0.20
0.050
0.025
0.20
0.20
Maximum Turn-Off Time
mSec
0.40
0.075
0.030
0.40
0.40
Nominal Input Resistance (Rx)
1.8K
1.8K
500
1.8K
1.8K
Maximum Pick-Up Voltage (Output Low)
Vdc
3
3
2.5
3
3
Minimum Drop-Out Voltage (Output High)
Vdc
1
1
1
1
1
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
15
24
Logic Voltage Range
Vdc
3-6
3-6
3.5-6
8-18
15-30
Max. Logic Supply Current @ Nominal Vcc
mA
10
18
18
10
10
G5 Modules
Type/Function
Grayhill Part Number
G5, Polarized, Status LED
70G-IDC5
70G-IDC5B
70G-IDC5D 70G-IDC5K
70G-IDC15
70G-IDC24
Specifications
Units
Maximum Input Voltage
Vdc
32
32
28
16
32
32
Input Voltage Range1
Vdc
3-32
3-32
2.5-28
2.5-16
3-32
3-32
Input Current @ Maximum Input Voltage
mA
18
18
23
30
18
18
Maximum Turn-On Time
mSec
0.20
0.050
0.050
0.025
0.20
0.20
Maximum Turn-Off Time
mSec
0.40
0.075
0.075
0.030
0.40
0.40
Nominal Input Resistance (Rx)
1.8K
1.8K
1.2K
500
1.8K
1.8K
Maximum Pick-Up Voltage (Output Low)
Vdc
3
3
2.5
2.5
3
3
Minimum Drop-Out Voltage (Output High)
Vdc
1
1
1
1
1
1
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
5
15
24
Logic Voltage Range
Vdc
4.5-6
4.5-6
4.5-6
4.5-6
10-18
17-30
Max. Logic Supply Current @ Nominal Vcc
mA
10
18
10
18
10
10
I/O
19


Similar Part No. - 70-IDC5K

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70-IDC5K GRAYHILL-70-IDC5K Datasheet
117Kb / 2P
   DC Input Modules
More results

Similar Description - 70-IDC5K

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
234Kb / 18P
   CLK input supports the following input types
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Microsemi Corporation
PIC600-1 MICROSEMI-PIC600-1 Datasheet
408Kb / 9P
   Semiconductor Devices, Silicon hybrid Switching Regulators High Reliability Types
logo
Infineon Technologies A...
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
   Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com