Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94509-5520 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94509-5520
Description  Housing for Straight Fork Terminal, 5 Circuits, Polarization B
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94509-5520 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94509-5520 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/08/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
94509-5520
Status:
Active
Description:
Housing for Straight Fork Terminal, 5 Circuits, Polarization B
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94509-002 (PDF)
General
Product Family
Crimp Housings
Series
94509
Application
Power, Wire-to-Board
Product Name
Pitch 5 Edge Card
UPC
800754331708
Physical
Breakaway
No
Circuits (maximum)
5
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
3.346/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-30°C to +80°C
Electrical
Current - Maximum per Contact
3A, 6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-94509-002
Sales Drawing
SD-94509-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94509Series
This document was generated on 10/08/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94509-5520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94509-5520 MOLEX11-94509-5520 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 5 Circuits, Polarization B
More results

Similar Description - 94509-5520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945095520 MOLEX11-0945095520 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 5 Circuits, Polarization B
0945095220 MOLEX11-0945095220 Datasheet
1Mb / 21P
   Housing for Straight Fork Terminal, 2 Circuits, Polarization B
0945095420 MOLEX11-0945095420 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 4 Circuits, Polarization B
94509-5320 MOLEX11-94509-5320 Datasheet
36Kb / 1P
   Housing for Straight Fork Terminal, 3 Circuits, Polarization B
94509-5420 MOLEX11-94509-5420 Datasheet
36Kb / 1P
   Housing for Straight Fork Terminal, 4 Circuits, Polarization B
0945095320 MOLEX11-0945095320 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 3 Circuits, Polarization B
94509-5220 MOLEX11-94509-5220 Datasheet
36Kb / 1P
   Housing for Straight Fork Terminal, 2 Circuits, Polarization B
0945099610 MOLEX11-0945099610 Datasheet
576Kb / 11P
   Housing for Straight Fork Terminal, 6 Circuits, Polarization A
94509-5610 MOLEX11-94509-5610 Datasheet
36Kb / 1P
   Housing for Straight Fork Terminal, 6 Circuits, Polarization A
0945095610 MOLEX11-0945095610 Datasheet
604Kb / 11P
   Housing for Straight Fork Terminal, 6 Circuits, Polarization A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com