Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591BD-DDG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 591BD-DDG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

591BD-DDG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 591BD-DDG Datasheet HTML 2Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 3Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 4Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 5Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 6Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 7Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 8Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 9Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si590/591
6
Rev. 1.0
2. Pin Descriptions
Table 9. Pinout for Si590 Series
Pin
Symbol
LVDS/LVPECL/CML Function
CMOS Function
1OE*
No connection
Make no external connection to this pin
Output enable
2OE*
Output enable
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
Electrical and Case Ground
4
CLK+
Oscillator Output
Oscillator Output
5
CLK–
Complementary Output
No connection
Make no external connection to this pin
6VDD
Power Supply Voltage
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 7.
Table 10. Pinout for Si591 Series
Pin
Symbol
LVDS/LVPECL/CML Function
1
OE*
Output enable
2
No connection
Make no external connection to this pin
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
4
CLK+
Oscillator Output
5
CLK–
Complementary output
6VDD
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 7.
1
2
3
6
5
4
GND
NC
VDD
CLK
NC
OE
(Top View)
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si590
LVDS/LVPECL/CML
Si590
CMOS
Si591
LVDS/LVPECL/CML


Similar Part No. - 591BD-DDG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
591B148M352DG SILABS-591B148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591B148M352DGR SILABS-591B148M352DGR Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BA148M352DG SILABS-591BA148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BA148M352DGR SILABS-591BA148M352DGR Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BB148M352DG SILABS-591BB148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
More results

Similar Description - 591BD-DDG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Silicon Laboratories
SI590 SILABS-SI590 Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
logo
Skyworks Solutions Inc.
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com