Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591BD-DDG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 591BD-DDG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

591BD-DDG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  591BD-DDG Datasheet HTML 1Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 2Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 3Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 4Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 5Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 6Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 7Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 8Page - List of Unclassifed Manufacturers 591BD-DDG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Si590/591
Rev. 1.0
5
Table 8. Absolute Maximum Ratings1
Parameter
Symbol
Rating
Units
Maximum Operating Temperature
TAMAX
85
ºC
Supply Voltage, 1.8 V Option
VDD
–0.5 to +1.9
V
Supply Voltage, 2.5/3.3 V Option
VDD
–0.5 to +3.8
V
Input Voltage (any input pin)
VI
–0.5 to VDD + 0.3
V
Storage Temperature
TS
–55 to +125
ºC
ESD Sensitivity (HBM, per JESD22-A114)
ESD
2500
V
Soldering Temperature (Pb-free profile)2
TPEAK
260
ºC
Soldering Temperature Time @ TPEAK (Pb-free profile)
2
tP
20–40
seconds
Notes:
1. Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional
operation or specification compliance is not implied at these conditions. Exposure to maximum rating conditions for
extended periods may affect device reliability.
2. The device is compliant with JEDEC J-STD-020C. Refer to Si5xx Packaging FAQ available for download at
www.silabs.com/VCXO for further information, including soldering profiles.


Similar Part No. - 591BD-DDG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
591B148M352DG SILABS-591B148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591B148M352DGR SILABS-591B148M352DGR Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BA148M352DG SILABS-591BA148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BA148M352DGR SILABS-591BA148M352DGR Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
591BB148M352DG SILABS-591BB148M352DG Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
More results

Similar Description - 591BD-DDG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Silicon Laboratories
SI590 SILABS-SI590 Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
logo
Skyworks Solutions Inc.
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com