Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70GRCM32-HL Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70GRCM32-HL
Description  For Use with MicroDac or PAMUX Controllers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70GRCM32-HL Datasheet(HTML) 2 Page - Grayhill, Inc

  70GRCM32-HL Datasheet HTML 1Page - Grayhill, Inc 70GRCM32-HL Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
SCHEMATIC: Part No. 70GRCM32
Part Number
I/O
Description
UL
CSA
Style
70GRCM32-HL
32
50-pin header with ejector levers
X
X
G5
ORDERING INFORMATION
(modules ordered separately)
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor, or Grayhill.
System 50
26
49
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
16
123456789 10 11 12 13 14 15
+
0
1
2
3
4
5
6
47
45
43
41
1
2
3
4
5
39
37
35
33
31
29
27
25
23
21
19
17
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
7
8
9
10
11
12
13
14
15
5
4
3
2
1
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
13
11
9
7
5
3
1
2
4
6
8
10
12
14
16
50
48
46
44
42
40
38
36
34
32
30
28
26
24
22
20
18
5A
FUSE
LOGIC SUPPLY
TERMINAL STRIP
FIELD
WIRING
TERMINAL
STRIPS
(POSITIONS
0-15)
MODULE
POSITION
3.3K
RESISTOR
NETWORKS
MODULE
POSITION
FIELD WIRING
TERMINAL STRIPS
(POSITIONS 16-31)
50 PIN EDGE
OR HEADER
CONNECTOR
FOR LOGIC
SIGNALS
49
USER INSTALLABLE
JUMPER FOR +VCC


Similar Part No. - 70GRCM32-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70GRCM32-HL GRAYHILL-70GRCM32-HL Datasheet
540Kb / 2P
   RACKS 32 Channel
More results

Similar Description - 70GRCM32-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
72-MDC-32ADC GRAYHILL-72-MDC-32ADC Datasheet
833Kb / 2P
   CONTROLLERS MicroDAC (Optomux)
72-MDL-32ADC GRAYHILL-72-MDL-32ADC Datasheet
778Kb / 2P
   CONTROLLERS MicroDAC LT (Optomux)
70RCK16 GRAYHILL-70RCK16 Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70MRCQ24 GRAYHILL-70MRCQ24 Datasheet
569Kb / 3P
   For use with System 50 Style Controllers
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
logo
Aavid, Thermal Division...
580200B00000 AAVID-580200B00000 Datasheet
88Kb / 2P
   For use with 14 or 16 PIN DIP packages
501200B00000 AAVID-501200B00000 Datasheet
74Kb / 2P
   For use with 14 or 16 Pin dip packages
592201B03400 AAVID-592201B03400 Datasheet
90Kb / 2P
   For use with TO-218 or TO-247 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com