Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67B-R4-3C-U-03C Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 67B-R4-3C-U-03C
Description  Hall Effect Joystick
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

67B-R4-3C-U-03C Datasheet(HTML) 2 Page - Grayhill, Inc

  67B-R4-3C-U-03C Datasheet HTML 1Page - Grayhill, Inc 67B-R4-3C-U-03C Datasheet HTML 2Page - Grayhill, Inc 67B-R4-3C-U-03C Datasheet HTML 3Page - Grayhill, Inc 67B-R4-3C-U-03C Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Joysticks
DIMENSIONS in inches [millimeters]
BLOCK DIAGRAM & JOYSTICK OUTPUT WAVEFORM
50
20°
DEGREES SHAFT TRAVEL, °
0
(0,50)
(0,-50)
(50,0)
(-50,0)
(0,1)
(0,-1)
(1,0)
(-1,0)
SLEEP
ZONE
NOT TO SCALE
BLOCK DIAGRAM
JOYSTICK
OUTPUT
-50
-20°
JOYSTICK OUTPUT
NOT TO SCALE
NUMBERS INDICATE COUNTS.
SIDE OF PRINTED CIRCUIT BOARD PROTRUSION
INDICATES +Y DIRECTION FOR JOYSTICK OUTPUT
3°±2°
-3°±2°
-Y
+Y
-X
+X
+Y JOYSTICK OUTPUT
SHAFT FLAT OPPOSITE
PCB PROTRUSION
1
2
3
4
5
6
7
8
10K*
Rp** 10K*
Rp**
1
2
3
4
5
6
7
8
PB
VDD
VDD
µC
Hall
E ect
Sensor
67B JOYSTICK
I2C
Master
µC
I C
Slave
HOST CPU
* 10K PULL-UP RESISTORS REQUIRED
SELECT I2C ADDRESS
JUMPER OUT = 42H
JUMPER IN = 40H
(OPTION)
SDA
SCL
A1
INTn
A1
PBn
SDA
INTn
PBn
CW
CCW
3 POS
MOM SW
(OPTION)
SCL
COUNTS
See www.grayhill.coms/products/joysticks
for Users Manual
** RP - SEE USERS MANUAL
COUNTS
COUNTS
without sealing boot
SHAFT TRAVEL
ANY DIRECTION
(ALL-WAY GATER)
20°
±.015 [3,81]
.579
14,71
[
]
SHAFT FLAT
.200
5,08
[
]
SHAFT PIVOT
POINT
.246
6,25
[
]
±.015 [3,81]
1.032
26,21
[
]
±.015 [3,81]
.665
16,89
[
]
CABLE LENGTH
±.200 [5,08]
4x THREADED
MOUNTING HOLES
#4-40 UNC
.250 [6,35]
SHAFT
Ø
±.002 [0,05]
.160
4,06
[
]
SHAFT FLAT
.140
3,56
[
]
Ø1.250
31,75
[
]
.870
22,1
[
]
.843
21,41
[
]
TYP.
.550
13,97
[
]
±.015 [3,81]
.736
18,69
[
]
±.050 [1,27]
.302
7,67
[
]
PIN HEADER VERSION
MOUNTING SURFACE
CONNECTOR IS
MOLEX, P/N
14-56-2084
.020x45°
CHAMFER
SEE DETAIL C
DETAIL C
SCALE 3.000


Similar Description - 67B-R4-3C-U-03C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
   Hall Effect Joystick
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
BU52021HFV ROHM-BU52021HFV Datasheet
193Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com