Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-146282-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5-146282-1
Description  Breakaway and Retention Headers?봘nshrouded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-146282-1 Datasheet(HTML) 1 Page - Tyco Electronics

  5-146282-1 Datasheet HTML 1Page - Tyco Electronics 5-146282-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
101
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Breakaway and Retention Headers—Unshrouded
AMPMODU Interconnection System
5
Product Facts
I Design and inventory
versatility—headers can be
broken into any size needed
I Variety of popular sizes
available
I Substantial time/labor
savings can install all posts
at one time
I Vertical and right-angle
versions available in
single- and double-row
configurations
I Phosphor bronze posts
I Choice of gold duplex or
tin plated posts
I Post lengths include .230
[5.84] and .318 [8.08] for
connector mating
I Board retention feature
available
I Black, glass-filled
thermoplastic housings;
high temperature
compatible
I Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I Certified by Canadian
Standards
Association,
File No. LR 7189
Performance
Characteristics
Electrical
Insulation Resistance — 5,000
megohms minimum initial
Dielectric Withstanding Voltage —
750 V rms at sea level
Environmental
Operating Temperature —
-65°C to +105°C (black thermoplastic
housings)
Current — 3 amperes maximum
per contact (dependent upon mating
receptacle)
R
R


Similar Part No. - 5-146282-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146282-1 MACOM-5-146282-1 Datasheet
265Kb / 1P
   HEADER ASSEMBLY, MOD II, BREAKAWAY, SINGLE ROW, HIGH TEMPERATURE, VERTICAL
More results

Similar Description - 5-146282-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
Tyco Electronics
2-1761605-9 MACOM-2-1761605-9 Datasheet
689Kb / 1P
   Pin and Pinless Headers (AMP-LATCH)
logo
TE Connectivity Ltd
108-94268 TEC-108-94268 Datasheet
898Kb / 27P
   AMP High Current Connectors and Headers
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
logo
Tyco Electronics
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com