Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-84-2062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50-84-2062
Description  PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

50-84-2062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50-84-2062 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
50-84-2062
Status:
Active
Overview:
MLX™ Power Connectors
Description:
2.13mm Diameter MLX™ Pin and Socket Receptacle, 6 Circuits
Documents:
3D Model
Product Specification PS-42022-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
42022
Application
Power, Wire-to-Wire
Comments
Glow Wire Equivalent Part Number 36644-0005. Current
– Maximum per contact 20A if used with 36663 and
36664 terminal
Overview
MLX™ Power Connectors
Product Name
MLX™
UPC
800754386685
Physical
Circuits (maximum)
6
Circuits Detail
6
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
5.080/g
Number of Rows
2
Packaging Type
Carton
Panel Mount
Yes
Pitch - Mating Interface
6.35mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
20A
Material Info
Old Part Number
4202206C
Reference - Drawing Numbers
Product Specification
PS-42022-0001
Sales Drawing
SD-42022-**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42022Series
Mates With
42021 MLX™ Power Crimp Housing Plug
Use With
MLX Crimp Terminal 42023 , 42024
This document was generated on 01/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50-84-2062

ManufacturerPart #DatasheetDescription
logo
MolexKits
50-84-2060 MOLEXKITS-50-84-2060 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
More results

Similar Description - 50-84-2062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180414-0103 MOLEX10-180414-0103 Datasheet
51Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
R10-14L MOLEX-R10-14L Datasheet
50Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
53324-1560 MOLEX-53324-1560 Datasheet
37Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
34729-0082 MOLEX-34729-0082 Datasheet
69Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
35362-1276 MOLEX4-35362-1276 Datasheet
35Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-0820 MOLEX-92315-0820 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-1215 MOLEX-92315-1215 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92316-1610 MOLEX-92316-1610 Datasheet
42Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
QS5LV919-100Q MOLEX-QS5LV919-100Q Datasheet
28Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
70107-0009 MOLEX-70107-0009 Datasheet
43Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
0022111061 MOLEX-0022111061 Datasheet
28Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com