Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0302 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0302
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0302 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0302 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (HCPL-3020 and HCPL-0302 Option 060)
Description
Symbol
HCPL-3020 HCPL-0302 Unit
Installation Classification per DIN VDE 0110/1.89, Table 1
for Rated Mains Voltage 150 Vrms
I – IV
I – IV
for Rated Mains Voltage 300 Vrms
I – III
I – III
for Rated Mains Voltage 600 Vrms
I – II
Climatic Classification
55/100/21 55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
566
Vpeak
Input to Output Test Voltage, Method b [1]
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
VPR
1181
1050
Vpeak
Input to Output Test Voltage, Method a [1]
VIORM x 1.5 = VPR, Type and Sample Test, tm = 60 sec,
Partial Discharge < 5 pC
VPR
945
840
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 10 sec)
VIOTM
6000
4000
Vpeak
Safety-Limiting Values – Maximum Values Allowed in the Event of a
Failure.
Case Temperature
TS
175
150
°C
Input Current [2]
IS, INPUT
230
150
mA
Output Power [2]
PS, OUTPUT 600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
1. Refer to the optocoupler section of the Isolation and Control Compo-
nents Designer’s Catalog, under Product Safety Regulations section,
(IEC/EN/DIN EN 60747-5-2), for a detailed description of Method a
and Method b partial discharge test profiles.
2. Refer to the following figure for dependence of PS and IS on ambient
temperature.
Regulatory Information
The HCPL-0302/3020 has been approved by the following organizations:
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01.
(Option 060 only)
UL
Approval under UL 1577, component recognition pro-
gram up to VISO = 3750 VRMS. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.
0
0
TS – CASE TEMPERATURE – C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)


Similar Part No. - HCPL-0302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCPL-0302 ETC1-HCPL-0302 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-0302

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com