Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3020 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3020
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3020 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Ordering Information
Specify part number followed by option number (if desired).
Example:
HCPL-3020-XXXX
No option = Standard DIP package, 50 per tube
300 = Gull Wing Surface Mount Option, 50 per tube
500 = Tape and Reel Packaging Option
060 = IEC/EN/DIN EN 60747-5-2, VIORM = 630 VPEAK
XXXE = Lead Free Option
HCPL-0302-XXXX
No option = Standard SO-8 package, 100 per tube
500 = Tape and Reel Packaging Option
060 = IEC/EN/DIN EN 60747-5-2, VIORM = 566 VPEAK
XXXE = Lead Free Option
Package Outline Drawings
HCPL-3020 Standard DIP Package
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXZ
YYWW
DATE CODE
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5
6
7
8
4
3
2
1
5 TYP.
OPTION CODE*
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
TYPE NUMBER
DIMENSIONS IN MILLIMETERS AND (INCHES).
* MARKING CODE LETTER FOR OPTION NUMBERS.
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
NOTE:
FLOATING LEAD PROTUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)


Similar Part No. - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com