Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI125 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPI125
Description  Photologic짰 Optically Coupled Isolator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI125 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPI125 Datasheet HTML 1Page - OPTEK Technologies OPI125 Datasheet HTML 2Page - OPTEK Technologies OPI125 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
11/2010
Page 3 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Photologic® Optically Coupled Isolator
OPI125, OPI126, OPI127, OPI127-032, OPI128
Electrical Characteristics
(TA = -40o C to +85° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Diode Input
(See OP130 and OP230 for additional information - for reference only)
VF
Forward Voltage
-
-
1.5
V
IF = 10 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2 V, TA = 25° C
IF(+)
LED Positive-Going threshold Current
-
-
7.5
mA
VCC = 5 V, TA = 25° C
IF(+)/IF(-) Hysteresis Ratio
-
2.0
-
-
-
Photologic® Output
(See OP800 and OP801 for additional information - for reference only)
VCC
Operating Supply Voltage
45
-
5.5
V
-
ICC
Supply Current
-
-
20
mA
VCC = 5.5 V, IF = 0 or 7.5 mA
VOL
Low Level Output Voltage
OPI125
OPI126
OPI127
OPI128
-
-
-
-
-
-
-
-
0.40
0.40
0.40
0.40
V
VCC = 4.5 V, IOL = 13 mA, IF = 0 mA
VCC = 4.5 V, IOL = 13 mA, IF = 0 mA
VCC = 4.5 V, IOL = 13 mA, IF = 7.5 mA
VCC = 4.5 V, IOL = 13 mA, IF = 7.5 mA
VOH
High Level Output Voltage
OPI125
OPI127
2.4
2.4
-
-
-
-
V
VCC = 4.5 V, IOH = -800 µA, IF = 7.5 mA
VCC = 4.5 V, IOH = -800 µA, IF = 0 mA
IOS
Short Circuit Output Current
OPI125
OPI127
-20
-20
-
-
-120
-120
mA
VCC = 5.5 V, IF = 7.5mA, Output = GND
VCC = 5.5 V, IF = 0 mA, Output = GND
IOH
High Level Output Current
OPI126
OPI128
-
-
-
-
100
100
µA
VCC = 4.5 V, VOH = 30 V, IF = 7.5 mA
VCC = 4.5 V, VOH = 30 V, IF = 0 mA
tr, tf
Output Rise Time, Output Fall Time
OPI125, OPI127
-
100
-
ns
VCC = 5 V, TA = 25° C,
IF = 0 or 10 mA, f = 10 kHz,
D.C. = 50%, RL = 8 TTL loads
Output Rise Time, Output Fall Time
OPI126, OPI128
-
100
-
VCC = 5 V, TA = 25° C,
IF = 0 or 10 mA, f = 10 kHz,
D.C. = 50%, RL = 360 Ω
tPLH, tPHL
Propagation Delay, Low-High, High-Low
OPI125, OPI127
-
5
-
µs
VCC = 5 V, TA = 25° C,
IF = 0 or 10 mA, f = 10 kHz,
D.C. = 50%, RL = 8 TTL loads
Propagation Delay, Low-High, High-Low
OPI126, OPI128
-
5
-
VCC = 5 V, TA = 25° C,
IF = 0 or 10 mA, f = 10 kHz,
D.C. = 50%, RL = 360 Ω
Notes:
(1) Measured with input and output leads shorted in air with a maximum relative humidity of 50%. If suitably encapsulated or oil-
immersed, the isolation voltage is increased to 25 kV minimum.


Similar Part No. - OPI125

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI125 TTELEC-OPI125 Datasheet
719Kb / 3P
   Photologic짰 Optically Coupled Isolator
logo
OPTEK Technologies
OPI125TXV OPTEK-OPI125TXV Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
More results

Similar Description - OPI125

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI127-032 TTELEC-OPI127-032 Datasheet
329Kb / 3P
   Photologic짰 Optically Coupled Isolator
OPI125 TTELEC-OPI125 Datasheet
719Kb / 3P
   Photologic짰 Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
   OPTICALLY-COUPLED ISOLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com