Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI120 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPI120
Description  Optically Coupled Isolator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI120 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPI120_14 Datasheet HTML 1Page - OPTEK Technologies OPI120_14 Datasheet HTML 2Page - OPTEK Technologies OPI120_14 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
04/08
Page 3 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI120, OPI123
Electrical Characteristics
(-40
o C to +85° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
OPI120
OPI123
-
-
-
-
1.5
1.5
V
IF = 30 mA
IF = 10 mA
IR
Reverse Current
-
-
100
µA
VR = 3 V
Output Photosensor (See OP236 for additional information - for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OPI120
OPI123
25
20
-
-
-
-
V
IC = 1 mA
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V
Coupled (See OP804 and OP805 for additional information - for reference only)
IC/IF
DC Current Transfer Ratio
OPI120
OPI123
20
50
70
-
-
-
%
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 2 V
VCE(SAT)
Collector Saturation Voltage
OPI120
OPI123
-
-
-
-
0.5
1.2
V
IF = 30 mA, IC = 1 mA
IF = 5 mA, IC = 1 mA
VISO
Isolation Voltage
(1)
15
-
-
kV
See note 1
tr, tf
Output Rise Time, Output Fall Time
OPI120
OPI123
-
-
2
40
-
-
µs
See Test Circuit
V(BR)CBO
Collector-Base Breakdown Voltage
OPI120
25
-
-
V
IC = 1 mA
IC(ON)
On Collector Current
OPI120
OP123
2.0
5.0
-
-
50
-
mA
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 2 V
ICB(ON)
On Collector Base Current—OPI120
15
-
-
µA
IF = 30 mA, VCB = 5 V
Notes:
(1)
Measured with input and output leads shorted in air with a maximum relative humidity of 50%.
If suitably encapsulated or oil-immersed, the isolation voltage is increased to 25 kV minimum.
Vcc
Vout
Vcc
R = 200 Ohms
R = 50 Ohms
I = 10 mA
FF
I = 10 mA
R = 50 Ohms
R = 200 Ohms
Vcc
Vout
Vcc
OPI120
Test Circuit
OPI123


Similar Part No. - OPI120_14

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TXV TTELEC-OPI120TXV Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI120XV OPTEK-OPI120XV Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
More results

Similar Description - OPI120_14

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
   OPTICALLY-COUPLED ISOLATOR
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
   Optically Coupled Isolator
logo
OPTEK Technologies
3C92C OPTEK-3C92C Datasheet
230Kb / 2P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
K102P ETC1-K102P Datasheet
364Kb / 7P
   Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com