Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP266C Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OP266C
Description  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP266C Datasheet(HTML) 3 Page - OPTEK Technologies

  OP266C Datasheet HTML 1Page - OPTEK Technologies OP266C Datasheet HTML 2Page - OPTEK Technologies OP266C Datasheet HTML 3Page - OPTEK Technologies OP266C Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
02/2014
Page 3 of 4
Plastic Infrared Emitting Diode
OP265, OP266 Series
(A, B, C, D, W)
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Power Dissipation
100 mW(1)
Elect rical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP265A, OP266A
OP265B, OP266B
OP265C, OP266C
OP265D, OP266D
2.70
1.65
0.54
0.54
-
-
-
-
-
4.70
3.30
-
mW/cm2
IF = 20 mA
(2)
PO
Radiant Power Output
OP265, OP266 (A, B, C, D)
OP265W, OP266W
-
1.00
-
-
-
-
mW
IF = 20 mA
VF
Forward Voltage
-
-
1.80
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2 V
λP
Wavelength at Peak Emission
-
890
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
OP265, OP266 (A, B, C, D)
OP265W, OP266W
-
-
±0.30
±0.18
-
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP265, OP266 (A, B, C, D)
OP265W, OP266W
-
-
18
90
-
-
Degree IF = 20 mA
tr
Output Rise Time
-
500
-
ns
tf
Output Fall Time
-
250
-
ns
IF(PK)=100 mA, PW=10 µs, D.C.=10.0%
Notes:
1. Derate linearly 1.33 mW/°C above 25°C
2. EE(APT) is a measurement of the average apertured rediant incidence
ipon a sensing area 0.081” (2.06 mm) in diameter, perpendicular to
and centered on the mechanical axis of the lens, and 0.590” (14.99
mm) from the measurement surface. EE(APT) is not necessarily
uniform within the measured areas.


Similar Part No. - OP266C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP266C OPTEK-OP266C Datasheet
323Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266C OPTEK-OP266C Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP266C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com