Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62F15-01-040P-L Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62F15-01-040P-L
Description  Integrated Self-Lighting System for Knob Illumination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62F15-01-040P-L Datasheet(HTML) 1 Page - Grayhill, Inc

  62F15-01-040P-L Datasheet HTML 1Page - Grayhill, Inc 62F15-01-040P-L Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.070
(1,78)
DIA
.070
(1,78)
DIA
.360
(9,14)
REF.
.010 (0,25)/
.025 (0,64)
PUSH BUTTON
TRAVEL
.236
(5,99)
.525 ± .015
(13,34 ± 0,38)
.312 (7,92)
.250
± .002
(6,35
± 0,05)
DIA.
.375
± .015
(9,53
± 25,42)
.250
(6,35)
.219 ± .003
(5,56 ± 0,08)
.390
(9,91)
.152
± .002
(3,86
± 0,05)
.250 (6,35)
.066 ± .002
(1,68 ± 0,05)
.250 (6,35)
.250
(6,35)
.500
(12,7)
.152
± .002
(3,86
± 0,05)
.250 (6,35)
.500
(12,7)
.540
(13,72)
3/8-32 UNEF-2A THREAD
THREADS TO BE WITHIN
.030 (0,76) OF SHOULDER
Connector
Version
Stripped
Version
.390
(9,91)
28 AWG
CABLE
WIRES ON
.050 (1,27)
CENTERS
4.00 ± .20 (.040 ± 5,08)
CONNECTOR
IS AMP
P/N 215083-6
.250
(6,35)
.320
(8,13)
REF
.312 (7,92)
.375
± .015
(9,52
± 0,38)
.250
± .005
(6,35
± 0,13)
.525 ± .015
(13,34 ± 0,38)
.100
(2,54)
STRIP-
PED
AND
TINNED
.219 ± .003
(5,56 ± 0,08)
.540
(13,72
.066 ± .002
(1,68 ± 0,05)
.510 ± .015
(12,95 ± 0,38)
3/8-32 UNEF-2A THREAD
THREADS TO BE WITHIN
.030 (0,76) OF SHOULDER
.010 (0,25)/
.025 (0,64)
PUSH-
BUTTON
TRAVEL
.460
(11,68)
REF
.490
(12,45)
.448
(11,4)
.657±.015
(16,7±0,4)
.581±.010
(14,8±0,3)
.087(2,21)
.293
(7,4)
REF
.490
(12,45)
.657±.015
(16,7±0,4)
.581±.010
(14,8±0,3)
.500
(12,7)
.391
(10,0)
REF
FEATURES
• Integrated Self-Lighting System for
Knob Illumination
• 1 Million Rotational Cycles
• 1/2" Package
• Compatible with CMOS, TTL and
HCMOS Logic
• Optional Integral Pushbutton
• Choices of Cable Length and Ter-
minations
• Customized Solutions Available
Unless otherwise specified, standard tolerance is ±.010 (0,25).
APPLICATIONS
• Global Positioning/Driver Informa-
tion Systems
• Medical Equipment
• Cockpit Controls
• Mixing Boards
Pin Version
Cable Version
With
on-board
lighting
system
With
on-board
lighting
system
DIMENSIONS in inches (and millimeters)
SERIES 62F
1/2'' Package, Lighted Shaft
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders


Similar Part No. - 62F15-01-040P-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62F15-01-040P-L GRAYHILL-62F15-01-040P-L Datasheet
5Mb / 33P
   Custom, Absolute
62F15-01-040P-L-L GRAYHILL-62F15-01-040P-L-L Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62F15-01-040P-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62F11-02-050S GRAYHILL-62F11-02-050S Datasheet
446Kb / 2P
   Integrated Self-Lighting System for Knob Illumination
logo
Ledil, Inc.
CA11890 LEDIL-CA11890 Datasheet
1Mb / 5P
   Beam for area lighting with shorter illumination distances
C11889 LEDIL-C11889 Datasheet
1Mb / 7P
   Beam for area lighting with shorter illumination distances
CA11817 LEDIL-CA11817 Datasheet
1Mb / 5P
   Beam for area lighting with shorter illumination distances.
CA12311 LEDIL-CA12311 Datasheet
1Mb / 4P
   Beam for area lighting with shorter illumination distances
logo
BetLux Electronics
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
logo
Sanken electric
SEL2013 SANKEN-SEL2013_08 Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
logo
BetLux Electronics
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
   30W LEDs suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com