Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58J4P60-01-2-04N-F Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 58J4P60-01-2-04N-F
Description  Minimum Space Behind Panel 15,000 Vdc Static Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

58J4P60-01-2-04N-F Datasheet(HTML) 3 Page - Grayhill, Inc

  58J4P60-01-2-04N-F Datasheet HTML 1Page - Grayhill, Inc 58J4P60-01-2-04N-F Datasheet HTML 2Page - Grayhill, Inc 58J4P60-01-2-04N-F Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Keylock Rotary Switches
SWITCH SPECIFICATIONS Continued
Contact Resistance:
Initially:
less than 10 m
End of life: less than 50 m
Insulation Resistance: (Between mutually
insulated parts)
Initially:
50,000 M
Minimum:
10,000 M
Breakdown Voltage: (Between mutually
insulated parts) more than 600 Vac
Life Expectancy: Per chart; cycle is 1
rotation thru all active positions plus a full
return.
Carry Current: 6A; maximum temperature
rise 20°C
Materials and Finishes
Switch Base: Thermoset plastic
Switch Housing: Nylon
Detent Rotor: Nylon
Detent Balls: Steel, nickel-plated
Detent Springs, and Contact Springs:
Stainless steel
Common Ring: Brass, gold plate over silver
plate
Terminals: Brass, gold over silver and
nickel plate
Rotor Contact: Precious metal, gold alloy
Anti-Static Voltage: Anti-static types tested
to withstand 15,000 Vdc
Mechanical Characteristics
Switching Mode: Shorting (make before break)
or non-shorting (break before make) as limited
by the Choices chart
Type of Contact: Wiping
Number of Terminals: All switches are provided
with the full circle of terminals regardless of the
number of active positions
Stop Strength: 1.70 Nm maximum (15.0 in-lbs)
Switching Torque: 8 to 16 in-ozs
CHOICES AND LIMITATIONS
Lock Style and
Switch Style and
Angle of
No. Of
Poles/
Positions
Shorting or
Description*
Description
Throw
Decks
Deck
Per Pole**
Non-Shrtg.
Series 58J Switches
1
02 to 08
N or S
2
02 to 04
N or S
1
02 to 10
N or S
2
02 to 05
N or S
1
02 to 08
N or S
2
02 to 04
N or S
1
02 to 04
N
202
N
1
02 to 10
N or S
2
02 to 05
N or S
1
02 to 08
N or S
2
02 to 04
N or S
1
02 to 06
N
2
02 to 03
N
1
02 to 04
N
202
N
45°
1
36°
1
45°
1
90°
1
36°
1
45°
1
60°
1
90°
1
A
= Standard, Solder Lugs
P
= Standard, PC Mount
A
= Standard, Solder Lugs
P
= Standard, PC Mount
A
= Standard, Solder Lugs
P
= Standard, PC Mount
J4: Standard–Key pulls at Position 1
and at 90 Degree Increments
J8: Standard–Key Pulls at Each
Position
J9: Standard–Key Pulls at Position 1
and at 180 Degrees
*Standard Keylock has anti-static protection. All keylock versions available without anti-static protection, with a reduced overall body length. Contact
Grayhill for more information.
**For single pole switches with maximum positions, specify continuous rotation or fixed stop when ordering.
Series
Lock Style: per Choices Chart J4, J8, J9
Switch Style: per Choices Chart A or P
Angle of Throw: 36, 45, 60 or 90 (per Choices chart)
Number of Decks: 01
Poles per Deck: = 1 or 2 (per Choices chart)
Positions per Pole: 02 thru 10 (per Choices chart)
Type of Contacts: (per Choices chart)
N = Non-shorting
S = Shorting
Stop Arrangement Suffix:
(needed only for 1-pole switches with maximum positions)
F = Fixed stop between last and first positions
*Leave blank for continuous rotation
58J8A36-01-1-10N-F
ORDERING INFORMATION
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Rotary
4


Similar Description - 58J4P60-01-2-04N-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
51M30-01-2-03N GRAYHILL-51M30-01-2-03N Datasheet
614Kb / 7P
   0.5" Diameter, 200mA, .698" Behind Panel
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
   15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
logo
Texas Instruments
TPD5E003 TI-TPD5E003 Datasheet
733Kb / 10P
[Old version datasheet]   Five Channel Space Saving ESD Protection Device
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
List of Unclassifed Man...
PCI-1715U-AE ETC2-PCI-1715U-AE Datasheet
227Kb / 1P
   2,500 VDC isolation protection
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
   IP65 front panel protection
logo
New Jersey Semi-Conduct...
X20FF3 NJSEMI-X20FF3 Datasheet
85Kb / 1P
   2,000 V -15,000 V Rectifiers
logo
Omron Electronics LLC
G7T OMRON-G7T Datasheet
604Kb / 7P
   Slim-styled I/O Relay Saves Space in Panel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com