Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC12D821E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELC12D821E
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC12D821E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELC12D821E Datasheet HTML 1Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 2Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 3Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 4Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 5Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 6Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 7Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 8Page - Panasonic Semiconductor ELC12D821E Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
10000
L (µH)
10
50
100
500 1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
1
09D
10D
16B 18B
06D
10000
L (µH)
5000
1000
500
100
50
10
5
1
10
50
100
500 1000
5000 10000
IDC(mA)
10E
12E
15E
18E
Choke Coils
Series:
Pin terminal
Type:
06D, 09D, 10D, 12D, 16B, 18B
10E, 12E, 15E, 18E
Pin terminal inductors featuring small size and high
performance
Industrial Property: Patents 1 (pending)
n Features
l Adoption of High -m and High Bm ferrite cores
l Wide inductor range
l Magnetic shield type (E Type)
n Recommended Applications
l CTV, VTR, Audio, PC, Facsimiles
n Explanation of Part Numbers
n Available I-L Characteristics
Japan
Singapore
Indonesia
E
1
L
2
C
3
0
4
9
5
D
6
2
7
R
8
2
911
10
D
B
E
06
09
10
12
15
16
18
Product code
Style
Construction
Indactance
Option
Packaging
Core size
Terminal board
or
Case size
Core
Core
Case
Terminal
Terminal
Core
Terminal board
Terminal
Core (Magnetic Shielded)
Terminal board
Terminal
Taping
Other
D
Omission
E, F etc.
*
*
Type 06D
Type 09D
Type 10D
Type 16B
Type 18B
Type 10E111L
Type 12E
Type 12E111L Type 15E111L Type 18E111L
Type 12D


Similar Part No. - ELC12D821E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC12D821E PANASONIC-ELC12D821E Datasheet
321Kb / 4P
   Choke coils
ELC12D821E PANASONIC-ELC12D821E Datasheet
259Kb / 8P
   Choke Coils
More results

Similar Description - ELC12D821E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com