Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP268FC Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OP268FC
Description  Plastic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP268FC Datasheet(HTML) 3 Page - OPTEK Technologies

  OP268FC Datasheet HTML 1Page - OPTEK Technologies OP268FC Datasheet HTML 2Page - OPTEK Technologies OP268FC Datasheet HTML 3Page - OPTEK Technologies OP268FC Datasheet HTML 4Page - OPTEK Technologies OP268FC Datasheet HTML 5Page - OPTEK Technologies OP268FC Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
01/2012
Page 3 of 6
Plastic Infrared Emitting Diode
OP168F, OP169, OP268F, OP269 Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
OP168, OP169, OP268, OP269 (A, B, C)
OP268FPS
3.0 A
100 mA
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron](1)
260° C
Power Dissipation(2)
100 mW
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams force
may be applied to the leads when soldering.
2. Derate linearly 1.33 mW/° C above 25° C.
3. For OP168 (FA, FB, FC) and OP268 (FA, FB, FC), EE(APT) is a measurement of the average apertured radiant energy incident upon a
sensing area 0.081” (2.06 mm) in diameter perpendicular to and centered on the mechanical axis of the lens and 0.400” (10.16 mm)
from the measurement surface. For OP169 (A, B, C) and OP269 (A, B, C), EE(APT) is a measurement of the average apertured radiant
energy incident upon a sensing area 0.180” (4.57 mm) in diameter perpendicular to and centered on the mechanical axis of the lens
and 0.653” (16.6 mm) from the lens tip. NOTE: EE(APT) is a measurement of the average radiant intensity within the cone formed by
the above conditions. EE(APT) is not necessarily uniform within the measured area.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
(3)
Apertured Radiant Incidence
OP168FA
OP168FB
OP168FC
OP169A
OP169B
OP169C
OP268FA
OP268FB
OP268FC
OP268FPS
OP269A
OP269B
OP269C
0.48
0.43
0.27
0.18
0.11
0.03
0.64
0.45
0.36
0.10
0.58
0.42
0.34
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.73
-
-
0.22
-
-
0.99
-
0.90
-
0.82
-
mW/cm2
IF = 20 mA
Aperture = .081” dia.
Distance = .400” from tip of lens to
aperture surface
VF
Forward Voltage
OP168, OP169
OP268, OP269
OP268FPS
-
-
-
-
-
-
1.40
1.50
1.80
V
IF = 20 mA
IR
Reverse Current
OP168, OP169, OP268, OP269
OP268FPS
-
-
-
-
100
20
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
OP168, OP169
OP268, OP269
OP268FPS
-
-
-
935
890
850
-
-
-
nm
IF = 20 mA


Similar Part No. - OP268FC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP268FC OPTEK-OP268FC Datasheet
355Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP268FC OPTEK-OP268FC Datasheet
278Kb / 6P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP268FC TTELEC-OP268FC Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP268FC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com