Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP231 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OP231
Description  Hermetic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP231 Datasheet(HTML) 6 Page - OPTEK Technologies

  OP231 Datasheet HTML 1Page - OPTEK Technologies OP231 Datasheet HTML 2Page - OPTEK Technologies OP231 Datasheet HTML 3Page - OPTEK Technologies OP231 Datasheet HTML 4Page - OPTEK Technologies OP231 Datasheet HTML 5Page - OPTEK Technologies OP231 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
01/09
Page 6 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Forward Voltage vs Forward Current vs
Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
Optical Power vs Forward Current vs
Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
102030
40
5060
708090
100
Forward Current IF (mA)
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
Normalized at 50 mA and 20° C
Distance vs Output Power vs Forward Current
0
2
4
6
8
10
12
14
16
18
20
0.2 '' 0.4 '' 0.6 '' 0.8 '' 1.0 '' 1.2 '' 1.4 '' 1.6 '' 1.8 '' 2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
80 mA
100 mA
120 mA
Normalized at 1.0" and 50 mA
Forward Current
OP235, OP235W


Similar Part No. - OP231

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP231 OPTEK-OP231 Datasheet
241Kb / 2P
   GaAs HERMETIC INFRARED EMITTING DIODES
OP231 OPTEK-OP231 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP231 TTELEC-OP231 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP231W OPTEK-OP231W Datasheet
324Kb / 2P
   GaAs HERMETIC INFRARED EMITTING DIODES
OP231W OPTEK-OP231W Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
More results

Similar Description - OP231

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com