Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP145A Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP145A
Description  Plastic Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP145A Datasheet(HTML) 1 Page - OPTEK Technologies

  OP145A Datasheet HTML 1Page - OPTEK Technologies OP145A Datasheet HTML 2Page - OPTEK Technologies OP145A Datasheet HTML 3Page - OPTEK Technologies OP145A Datasheet HTML 4Page - OPTEK Technologies OP145A Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
04/2012
Page 1 of 5
Plastic Infrared Emitting Diode
OP140, OP145 Series
Description:
Each device in this series is a high intensity gallium arsenide infrared emitting diode that is suited for use as a
PCBoard mounted slotted switch or an easy mount PCBoard interrupter.
Each OP140 (A, B, C, D) and OP145 (A, B, C, D) device is a domed-lens 935 nm diode that is molded in an IR-
transmissive plastic side-looking package.
OP140 is mechanically and spectrally matched to the OP550 series of phototransistors and the OP560 series of
photodarlingtons. OP145 is mechanically and spectrally matched to the OP555 and OP565 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Features:
IR-transmissive plastic package
Side-looking package for space-limited applications
Wide irradiance pattern
Mechanically and spectrally matched to other OPTEK products
Applications:
Space-limited applications
PCBoard mounted slotted switch
PCBoard interrupter
Ordering Information
Part
Number
LED Peak
Wavelength
Lens
Type
Total Beam
Angle
Lead
Length
OP140A
935 nm
Domed
40°
min of
0.50"
OP140B
OP140C
OP140D
OP145A
OP145B
OP145C
OP145D
RoHS


Similar Part No. - OP145A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP145A OPTEK-OP145A Datasheet
365Kb / 2P
   GaAs Plastic Infrared Emitting Diodes
logo
TT Electronics.
OP145A TTELEC-OP145A Datasheet
845Kb / 5P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP145A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com